Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET1100 Datasheet(PDF) 79 Page - Beckhoff Automation GmbH & Co. KG

Part # ET1100
Description  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 Datasheet(HTML) 79 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 75Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 76Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 77Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 78Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 79Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 80Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 81Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 82Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 83Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
PDI Description
Slave Controller
– ET1100 Hardware Description
III-65
6.3.4
Commands
The command CMD0 in the second address/command byte may be READ, READ with following Wait
State bytes, WRITE, NOP, or Address Extension. The command CMD1 in the third address/command
byte may have the same values:
Table 61: SPI commands CMD0 and CMD1
CMD[2]
CMD[1]
CMD[0]
Command
0
0
0
NOP (no operation)
0
0
1
reserved
0
1
0
Read
0
1
1
Read with following Wait State bytes
1
0
0
Write
1
0
1
reserved
1
1
0
Address Extension (3 address/command bytes)
1
1
1
reserved
6.3.5
Address modes
The SPI slave interface supports two address modes, 2 byte addressing and 3 byte addressing. With
two byte addressing, the lower 13 address bits A[12:0] are selected by the SPI master, while the upper
3 bits A[15:13] are assumed to be 000b inside the SPI slave, thus only the first 8 Kbyte in the
EtherCAT slave address space can be accessed. Three byte addressing is used for accessing the
whole 64 Kbyte address space of an EtherCAT slave.
For SPI masters which do only support consecutive transfers of more than one byte, additional
Address Extension commands can be inserted.
Table 62: Address modes without (Read access without Wait state byte)
Byte
2 Byte address mode
3 Byte address mode
0
A[12:5]
address bits [12:5]
A[12:5]
address bits [12:5]
1
A[4:0]
address bits [4:0]
CMD0[2:0] read/write command
A[4:0]
address bits [4:0]
CMD0[2:0] 3 byte addressing: 110b
2
D0[7:0]
data byte 0
A[15:13]
address bits [15:13]
CMD1[2:0] read/write command
res[1:0]
two reserved bits, set to 00b
3
D1[7:0]
data byte 1
D0[7:0]
data byte 0
4 ff.
D2[7:0]
data byte 2
D1[7:0]
data byte 1


Similar Part No. - ET1100

ManufacturerPart #DatasheetDescription
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Similar Description - ET1100

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com