Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9859001MUA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5962-9859001MUA
Description  1.3 AMP LOW DROPOUT 3.3 FIXED VOLTAGE REGULATOR APPROVED TO SMD 5962-98590
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9859001MUA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5962-9859001MUA Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-9859001MUA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9859001MUA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9859001MUA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
OM3957NMM
OM3957STM
OM3957SMM
12
3
4
PIN OUT
1
Ground
2V
OUT
3V
IN
4
Isolated
CONNECTION DIAGRAM
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
NOTES
• Case is metal/hermetically sealed
• Isolated Tab
MECHANICAL OUTLINE
MECHANICAL OUTLINE
.425
.200
.100
.350 MIN.
.080
.160
.020
± .020
.035 WIDE
FLAT 3 PLCS.
.115
.425
1
2
3
Front View
Pin 1 - Ground
Pin 2 - V
IN
Pin 3 - V
OUT
Tab
- Isolated
OM3957STM
OM3957SMM
OM3957NMM
.450
.140
.415
.157
.015
.140
.140
.050
.050
.037
.375
.030
MIN.
.625
12
3
Front View
Pin 1 - V
IN
Pin 2 - Ground
Pin 3 - V
OUT


Similar Part No. - 5962-9859001MUA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-9859101NXB INTERSIL-5962-9859101NXB Datasheet
93Kb / 8P
   14-Bit, 5 MSPS, Military A/D Converter
More results

Similar Description - 5962-9859001MUA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
OM3914 ETC-OM3914 Datasheet
433Kb / 4P
   3 AMP NEGATIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-87741
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com