Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA202 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA202_V05 Datasheet HTML 26Page - Texas Instruments OPA202_V05 Datasheet HTML 27Page - Texas Instruments OPA202_V05 Datasheet HTML 28Page - Texas Instruments OPA202_V05 Datasheet HTML 29Page - Texas Instruments OPA202_V05 Datasheet HTML 30Page - Texas Instruments OPA202_V05 Datasheet HTML 31Page - Texas Instruments OPA202_V05 Datasheet HTML 32Page - Texas Instruments OPA202_V05 Datasheet HTML 33Page - Texas Instruments OPA202_V05 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
30
OPA202, OPA2202, OPA4202
SBOS812G – OCTOBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curve
Figure 48. OPAx202 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
9 Power Supply Recommendations
The OPAx202 are specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +105°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are shown in the Typical Characteristics.
CAUTION
Supply voltages greater than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
section.


Similar Part No. - OPA202_V05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Similar Description - OPA202_V05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com