Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5441-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5441-Q1
Description  TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5441-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5441-Q1 Datasheet HTML 4Page - Texas Instruments TAS5441-Q1 Datasheet HTML 5Page - Texas Instruments TAS5441-Q1 Datasheet HTML 6Page - Texas Instruments TAS5441-Q1 Datasheet HTML 7Page - Texas Instruments TAS5441-Q1 Datasheet HTML 8Page - Texas Instruments TAS5441-Q1 Datasheet HTML 9Page - Texas Instruments TAS5441-Q1 Datasheet HTML 10Page - Texas Instruments TAS5441-Q1 Datasheet HTML 11Page - Texas Instruments TAS5441-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Frequency (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k 22k 24k
D005
Frequency (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k 22k 24k
D006
Supply Voltage (V)
5
6
7
8
9
10
11
12
13
14
15
16
0
5
10
15
20
25
30
D003
2 :, 1% THD
2 :, 10% THD
4 :, 1% THD
4 :, 10% THD
Frequency (Hz)
0.001
0.01
0.1
1
100
1k
10k
20
20k
D004
2 :, 1 W
2 :, 5 W
4 :, 1 W
4 :, 5 W
Output Power (W)
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
90
D001
2 :
4 :
Output Power (W)
0.01
0.1
1
10
30
30
0.01
0.1
1
10
D002
2 :
4 :
8
TAS5441-Q1
SLOSE41 – APRIL 2020
www.ti.com
Product Folder Links: TAS5441-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.7 Typical Characteristics
TC = 25°C, PVDD = 14.4 V, RL = 4 Ω, P(O) = 1 W/ch, AES17 filter, 1-kHz input, default I
2C settings (unless otherwise noted)
Gain = 26 dB
f(SW) = 400 kHz
TA = 25ºC
V(PVDD) = 14.4 V
Figure 3. Efficiency vs Output Power
Figure 4. THD+N vs Output Power
Figure 5. Output Power vs PVDD
Figure 6. THD+N vs Frequency
Figure 7. Noise FFT With –60-dB Output
Figure 8. Noise FFT With 1-W Output


Similar Part No. - TAS5441-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5404-Q1 TI1-TAS5404-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404-Q1 TI-TAS5404-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5404TPHDRQ1 TI1-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404TPHDRQ1 TI-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
More results

Similar Description - TAS5441-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5421-Q1 TI-TAS5421-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5431-Q1 TI1-TAS5431-Q1 Datasheet
700Kb / 28P
[Old version datasheet]   TAS5431-Q1 8-W Mono Automotive Digital-audio Amplifier with Load Dump and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com