Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6222 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS6222
Description  THS6222 8 V to 32 V, Differential Broadband HPLC Line Driver With Common-mode Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6222 Datasheet(HTML) 4 Page - Texas Instruments

  THS6222_V01 Datasheet HTML 1Page - Texas Instruments THS6222_V01 Datasheet HTML 2Page - Texas Instruments THS6222_V01 Datasheet HTML 3Page - Texas Instruments THS6222_V01 Datasheet HTML 4Page - Texas Instruments THS6222_V01 Datasheet HTML 5Page - Texas Instruments THS6222_V01 Datasheet HTML 6Page - Texas Instruments THS6222_V01 Datasheet HTML 7Page - Texas Instruments THS6222_V01 Datasheet HTML 8Page - Texas Instruments THS6222_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
5
8
7
18
9
10
11
17
16
15
14
13
12
PAD #1
THS6222
D1_IN+
D2_IN+
DGND
IADJ
VCM
D1_OUT (OPT)
D1_IN±
D2_IN±
D2_OUT (OPT)
D2_OUT
D1_OUT
6
19
VS+
4
THS6222
SBOS974B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS6222
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
YS Die
19-Pad Wafer Sale
Top View
(1)
I = input, O = output, and P = power,
(2)
The THS6222 defaults to the shutdown (disable) state if a signal is not present on the bias pins.
(3)
The DGND pin ranges from VS– to (VS+ – 5 V).
Bond Pad Functions
PAD
Type(1)
DESCRIPTION
NAME
NO.
BIAS-1(2)
18
I
Bias mode parallel control, LSB
BIAS-2(2)
19
I
Bias mode parallel control, MSB
D1_IN–
11
I
Amplifier D1 inverting input
D2_IN–
10
I
Amplifier D2 inverting input
D1_IN+
1
I
Amplifier D1 noninverting input
D2_IN+
2
I
Amplifier D2 noninverting input
D1_OUT
13
O
Amplifier D1 output (must be used for D1 output)
D1_OUT (OPT)
12
O
Optional amplifier D1 output (pad can be left unconnected or connected to pad 13)
D2_OUT
8
O
Amplifier D2 output (must be used for D2 output)
D2_OUT (OPT)
9
O
Optional amplifier D2 output (can be left unconnected or connected to pad 8)
DGND(3)
3
I
Ground reference for bias control pins
IADJ
4
I
Bias current adjustment pin
VCM
5
O
Common-mode buffer output
VS–
6, 16, 17
P
Negative power-supply connection
VS+
7, 14, 15
P
Positive power-supply connection
Backside
Must be connected to the lowest voltage potential on the die (generally VS–)


Similar Part No. - THS6222_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
More results

Similar Description - THS6222_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6222 TI1-THS6222 Datasheet
547Kb / 20P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222 TI-THS6222_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS6222 8 V to 32 V, Differential HPLC Line Driver with Common-Mode Buffer
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com