Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6222 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS6222
Description  THS6222 8 V to 32 V, Differential Broadband HPLC Line Driver With Common-mode Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6222 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6222_V01 Datasheet HTML 4Page - Texas Instruments THS6222_V01 Datasheet HTML 5Page - Texas Instruments THS6222_V01 Datasheet HTML 6Page - Texas Instruments THS6222_V01 Datasheet HTML 7Page - Texas Instruments THS6222_V01 Datasheet HTML 8Page - Texas Instruments THS6222_V01 Datasheet HTML 9Page - Texas Instruments THS6222_V01 Datasheet HTML 10Page - Texas Instruments THS6222_V01 Datasheet HTML 11Page - Texas Instruments THS6222_V01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
THS6222
SBOS974B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS6222
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
See Output Voltage and Current Drive and Figure 50 for output voltage vs output current characteristics.
6.6 Electrical Characteristics: VS = 32 V
At TA ≈ 25°C, differential closed-loop gain (AV) = 10 V/V, differential load (RL) = 100 Ω, RF = 1.24 kΩ, RADJ = 0 Ω, VCM = open,
VO = D1_OUT – D2_OUT, and full bias (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth, –3 dB
AV = 5 V/V, RF = 1.5 kΩ, VO = 2 VPP
285
MHz
AV = 10 V/V, RF = 1.24 kΩ, VO = 2 VPP
205
0.1-dB bandwidth flatness
13
MHz
LSBW
Large-signal bandwidth
VO = 40 VPP
170
MHz
SR
Slew rate (20% to 80% level)
VO = 40-V step
11,000
V/µs
Rise and fall time
VO = 2 VPP
2
ns
HD2
2nd-order harmonic distortion
AV = 10 V/V,
VO = 2 VPP,
RL = 100 Ω
Full bias, f = 1 MHz
–86
dBc
Low bias, f = 1 MHz
–79
Full bias, f = 10 MHz
–71
Low bias, f = 10 MHz
–63
HD3
3rd-order harmonic distortion
AV = 10 V/V,
VO = 2 VPP,
RL = 100 Ω
Full bias, f = 1 MHz
–101
dBc
Low bias, f = 1 MHz
–88
Full bias, f = 10 MHz
–80
Low bias, f = 10 MHz
–65
en
Differential input voltage noise
f
≥ 1 MHz, input-referred
2.5
nV/
√Hz
in+
Noninverting input current noise (each
amplifier)
f
≥ 1 MHz
1.7
pA/
√Hz
in-
Inverting input current noise (each
amplifier)
f
≥ 1 MHz
18
pA/
√Hz
DC PERFORMANCE
ZOL
Open-loop transimpedance gain
1500
Input offset voltage
±12
mV
Input offset voltage drift
TA = –40°C to +85°C
–40
µV/°C
Input offset voltage matching
Amplifier A to B
±0.5
mV
Noninverting input bias current
±1
µA
Inverting input bias current
±6
µA
Inverting input bias current matching
±8
µA
INPUT CHARACTERISTICS
Common-mode input range
Each input
±11
±12
V
CMRR
Common-mode rejection ratio
Each input
53
65
dB
Noninverting input resistance
10 || 2
kΩ || pF
Inverting input resistance
38
Ω
COMMON-MODE BUFFER CHARACTERISTICS
VCM-OS
Common-mode offset voltage
Voltage at VCM with respect to
midsupply
±3.9
mV
Common-mode voltage noise
With and without 100-nF VCM noise-
decoupling capacitor, f
≥ 50 kHz
21
nV/
√Hz
Common-mode output resistance
f = DC
520
Ω
OUTPUT CHARACTERISTICS
VO
Output voltage swing(1)
RL = 100 Ω
±28.5
V
RL = 25 Ω
±16.3
IO
Output current (sourcing and
sinking)(1)
RL = 25 Ω, based on VO specification
±580
±665
mA
Short-circuit output current
1
A
ZO
Output impedance
f = 1 MHz, differential
0.01
Ω


Similar Part No. - THS6222_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
More results

Similar Description - THS6222_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6222 TI1-THS6222 Datasheet
547Kb / 20P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222 TI-THS6222_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS6222 8 V to 32 V, Differential HPLC Line Driver with Common-Mode Buffer
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com