Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLIN1028-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLIN1028-Q1
Description  TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1028-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLIN1028-Q1_V01 Datasheet HTML 14Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 15Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 16Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 17Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 18Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 19Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 20Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 21Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
100 nF
RLIN
CLIN
RRXD
CRXD
RXD
TXD
VSUP
VCC
LIN
EN
GND
10 µF
nRST
10 µF
VSUP
EN
RXD
LIN
MODE
TXD
Weak Internal Pullup
Floating
Sleep
Normal
Standby
t < tLINBUS
tLINBUS
0.4 x VSUP
0.4 x VSUP
0.6 x VSUP
0.6 x VSUP
18
TLIN1028-Q1
SLLSEX4 – AUGUST 2019
www.ti.com
Product Folder Links: TLIN1028-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Test Circuit: Diagrams and Waveforms (continued)
Figure 17. Wakeup through LIN
Figure 18. Test Circuit for AC Characteristics


Similar Part No. - TLIN1028-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
More results

Similar Description - TLIN1028-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
TLIN2027-Q1 TI1-TLIN2027-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TLIN2027-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com