Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8089 Datasheet(PDF) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
"
3. Functional Description
components needed are resistors, capacitors, and crystal. For cellphone compatibility's
sake, an SAW filter may be required.
3.4. Clock
3.4.1. High Frequency Clock
The high frequency clock on ESP8089 is used to drive both the Tx and Rx mixers. This
clock is generated from the internal crystal oscillator and an external crystal. The crystal
frequency can range from 26 MHz to 52 MHz.
While internal calibration of the crystal oscillator ensures that a wide range of crystals can
be used, in general, the quality of the crystal is still a factor to consider, in order to obtain
reasonable phase noise and Wi-Fi sensitivity. When the crystal used is not optimal due to a
frequency offset or quality problem, the maximum data processing ability and sensitivity will
decrease.Please refer to the following table for measurement of frequency offset.
3.4.2. External Reference Requirements
For an externally-generated clock, the frequency can range from 26 MHz to 52 MHz. For
good radio performance, the clock should possess the following characteristics:
Table 3-1. High Frequency Clock
Parameter
Symbol
Min
Max
Unit
Frequency
FXO
26
52
MHz
Loading capacitance
CL
-
32
pF
Motional capacitance
CM
2
5
pF
Series resistance
RS
0
65
Ω
Frequency tolerance
ΔFXO
-15
15
ppm
Frequency vs. temperature (-25°C ~ 75°C)
ΔFXO,Temp
-15
15
ppm
Table 3-2. External Reference Requirements
Parameter
Symbol
Min
Max
Unit
Clock amplitude
VXO
0.2
1
Vpp
External clock accuracy
ΔFXO,EXT
-15
15
ppm
Phase noise @1 kHz offset, 40 MHz clock
-
-
-120
dBc/Hz
Phase noise @10 kHz offset, 40 MHz clock
-
-
-130
dBc/Hz
Phase noise @100 kHz offset, 40 MHz clock
-
-
-138
dBc/Hz
Espressif
" /"
6 17
2017.06


Similar Part No. - ESP8089

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
ESP8266 ESPRESSIF-ESP8266 Datasheet
811Kb / 29P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
   FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266EX ESPRESSIF-ESP8266EX Datasheet
811Kb / 29P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
ESP8285 ESPRESSIF-ESP8285 Datasheet
806Kb / 30P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
More results

Similar Description - ESP8089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
AMW006-EW2 SILABS-AMW006-EW2 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Advantech Co., Ltd.
EPD-660 ADVANTECH-EPD-660 Datasheet
419Kb / 3P
   13.3 ePaper Wi-Fi Display Solution
16-May-2022
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
logo
Richtek Technology Corp...
RT5072 RICHTEK-RT5072 Datasheet
1Mb / 68P
   The RT5072 is a complete power supply solution
RT5016C RICHTEK-RT5016C Datasheet
1Mb / 68P
   The RT5016C is a complete power supply solution
logo
Texas Instruments
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com