Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSP05XDSE15A1 Datasheet(HTML) 1 Page - Schneider Electric

Part No. SSP05XDSE15A1
Description  SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 150kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

SSP05XDSE15A1 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Product data sheet
Characteristics
SSP05XDSE15A1
SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire -
150kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 3,500.00 USD
Main
Product
Surge protection device
Complementary
Surge Current
150 A per phase
Voltage Rating
480 V delta AC
Number of Phases
3 phase
Wiring Configuration
3-wire (isolated ground)
MCOV
552 V
Rated Current
20 kA
Input voltage
1800 V L - G
2000 V N - G
Height
5.98 in (152 mm)
Width
5.98 in (152 mm)
Depth
3.98 in (101 mm)
Environment
Enclosure Rating
NEMA 4X
Ordering and shipping details
Category
08466 - SURGE PROTECTION HWA
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Apr 16, 2020
1


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn