Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR3IMA12C Datasheet(PDF) 2 Page - Schneider Electric

Part # HR3IMA12C
Description  Surge Protect - IMA - HR - 120kA - 240/120VAC delta - 3P4W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HR3IMA12C Datasheet(HTML) 2 Page - Schneider Electric

  HR3IMA12C Datasheet HTML 1Page - Schneider Electric HR3IMA12C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Depth
5.59 in (142.1 mm)
Cable length
19.02 in (483 mm)
Environment
Enclosure Rating
NEMA 2
Standards
UL 1449:ed. 3
UL 1283:ed. 5
CSA C22.2 No 8:1986
UL 96A:ed. 12
UL 489:ed. 11
CSA C22.2 No 5-09
Ordering and shipping details
Category
08460 - SURGE PROTECTION I-LINE
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2


Similar Part No. - HR3IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR3IMA12C1 SCHNEIDER-HR3IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240/120VAC delta - 3P4W - T1
More results

Similar Description - HR3IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TVS3IMA12O SCHNEIDER-TVS3IMA12O Datasheet
58Kb / 2P
   Surge Protect - IMA - 120kA - 240/120VAC delta - 3P4W - T2
HR3IMA12C1 SCHNEIDER-HR3IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240/120VAC delta - 3P4W - T1
HR3IMA24C SCHNEIDER-HR3IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 240/120VAC delta - 3P4W - T2
HR3IMA16C SCHNEIDER-HR3IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 240/120VAC delta - 3P4W - T2
HR2IMA12C SCHNEIDER-HR2IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 208Y/120VAC - 3P4W - T2
TVS3IMA16O SCHNEIDER-TVS3IMA16O Datasheet
98Kb / 2P
   Surge Protect - IMA - 160kA - 240/120VAC delta - 3P4W - T2
TVS3IMA24O SCHNEIDER-TVS3IMA24O Datasheet
57Kb / 2P
   Surge Protect - IMA - 240kA - 240/120VAC delta - 3P4W - T2
HR3IMA24C1 SCHNEIDER-HR3IMA24C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 240/120VAC delta - 3P4W - T1
HR3IMA16C1 SCHNEIDER-HR3IMA16C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 240/120VAC delta - 3P4W - T1
TVS2IMA12O SCHNEIDER-TVS2IMA12O Datasheet
132Kb / 2P
   Surge Protect - IMA - 120kA - 208Y/120VAC - 3P4W - T2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com