Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR4IMA12C Datasheet(PDF) 2 Page - Schneider Electric

Part # HR4IMA12C
Description  Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HR4IMA12C Datasheet(HTML) 2 Page - Schneider Electric

  HR4IMA12C Datasheet HTML 1Page - Schneider Electric HR4IMA12C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Depth
5.59 in (142.1 mm)
Cable length
19.02 in (483 mm)
Environment
Enclosure Rating
NEMA 2
Standards
UL 1449:ed. 3
UL 1283:ed. 5
CSA C22.2 No 8:1986
UL 96A:ed. 12
UL 489:ed. 11
CSA C22.2 No 5-09
Ordering and shipping details
Category
08460 - SURGE PROTECTION I-LINE
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2


Similar Part No. - HR4IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR4IMA12C1 SCHNEIDER-HR4IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T1
More results

Similar Description - HR4IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR4IMA12C1 SCHNEIDER-HR4IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T1
HR4IMA24C SCHNEIDER-HR4IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T2
HR4IMA16C SCHNEIDER-HR4IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 480Y/277VAC - 3P4W - T2
HL4IMA12C SCHNEIDER-HL4IMA12C Datasheet
132Kb / 2P
   Surge Protect - IMA - HL - 120kA - 480Y/277VAC - 3P4W - T2
TVS4IMA12O1 SCHNEIDER-TVS4IMA12O1 Datasheet
101Kb / 2P
   Surge Protect - IMA - 120kA - 480Y/277VAC - 3P4W - T1
TVS4HIMA24O SCHNEIDER-TVS4HIMA24O Datasheet
95Kb / 2P
   Surge Protect - IMA - 240kA - 480Y/277VAC - 3P4W - T2
TVS4HIMA16O SCHNEIDER-TVS4HIMA16O Datasheet
94Kb / 2P
   Surge Protect - IMA - 160kA - 480Y/277VAC - 3P4W - T2
HR8IMA12C SCHNEIDER-HR8IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 600Y/347VAC - 3P4W - T2
HR2IMA12C SCHNEIDER-HR2IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 208Y/120VAC - 3P4W - T2
HR4IMA24C1 SCHNEIDER-HR4IMA24C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com