Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5077 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5077
Description  Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5077 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5077 Datasheet HTML 1Page - Maxim Integrated Products MAX5077 Datasheet HTML 2Page - Maxim Integrated Products MAX5077 Datasheet HTML 3Page - Maxim Integrated Products MAX5077 Datasheet HTML 4Page - Maxim Integrated Products MAX5077 Datasheet HTML 5Page - Maxim Integrated Products MAX5077 Datasheet HTML 6Page - Maxim Integrated Products MAX5077 Datasheet HTML 7Page - Maxim Integrated Products MAX5077 Datasheet HTML 8Page - Maxim Integrated Products MAX5077 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Push-Pull FET Driver with Integrated Oscillator
and Programmable Clock Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +12V, SEL1 = VCC, SEL2 = DGND, RRT = 124k
Ω, NDRV1 = NDRV2 = open, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to AGND, DGND, PGND.................................-0.3V to +18V
PGND, DGND to AGND ........................................-0.3V to +0.3V
SEL1, SEL2 to DGND .............................................-0.3V to +18V
CLK, RT to AGND.....................................................-0.3V to +6V
NDRV1, NDRV2 to PGND...........................-0.3V to (VCC + 0.3V)
CLK Current......................................................................±20mA
NDRV1, NDRV2 Peak Current (200ns) ..................................±5A
NDRV1, NDRV2 Reverse Current (Latchup Current) .....±500mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 20.8mW/°C above +70°C) .....1667mW
Operating Temperature Range .........................-40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Input Voltage Supply Range
VCC
4.5
15.0
V
Static Supply Current
ICCST
SEL2 = SEL1 = DGND, drivers not switching
150
320
µA
Switching Supply Current
ICCSW
SEL2 = DGND, SEL1 = VCC, fOSC = 250kHz
13
mA
Undervoltage Lockout
VUVLO
VCC rising
3
3.5
4V
UVLO Hysteresis
300
mV
OSCILLATOR
Frequency Range
fOSC
(Note 2)
50
1500
kHz
Accuracy
fOSC = 250kHz, 6V
≤ VCC ≤ 15V (Note 3)
-8
+10
%
Oscillator Jitter
±0.6
%
7V
≤ VCC ≤ 15V
4.1
5.0
CLK Output High Voltage
ICLK = 1mA
4.5V
≤ VCC ≤ 7V
3.5
5.0
V
CLK Output Low Voltage
ICLK = -1mA
50
mV
CLK Output Rise Time
CCLK = 30pF
35
ns
CLK Output Fall Time
CCLK = 30pF
10
ns
GATE DRIVERS (NDRV1, NDRV2)
Output High Voltage
VOH
INDRV1 = INDRV2 = 100mA
VCC -
0.3
V
Output Low Voltage
VOL
INDRV1 = INDRV2 = -100mA
0.3
V
Output Peak Current
IP
Sourcing and sinking
3
A
NDRV_ sourcing 100mA
1.8
3
Driver Output Impedance
NDRV_ sinking 100mA
1.6
2.6
Latchup Current Protection
Reverse current at NDRV1/NDRV2
400
mA
Rise Time
tR
CLOAD = 2nF
10
ns
Fall Time
tF
CLOAD = 2nF
10
ns


Similar Part No. - MAX5077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5077AUD MAXIM-MAX5077AUD Datasheet
235Kb / 9P
   Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
MAX5077 MAXIM-MAX5077_V01 Datasheet
235Kb / 9P
   Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
More results

Similar Description - MAX5077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5077 MAXIM-MAX5077_V01 Datasheet
235Kb / 9P
   Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
MAX5075 MAXIM-MAX5075 Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5075 MAXIM-MAX5075_07 Datasheet
223Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 1; 5/07
logo
Renesas Technology Corp
EL6208 RENESAS-EL6208 Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Intersil Corporation
EL6208 INTERSIL-EL6208_07 Datasheet
233Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
EL6208 INTERSIL-EL6208 Datasheet
724Kb / 10P
   Dual Push-Pull Laser Driver Oscillator
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
   Integrated Circuit Push-Pull Four Channel Driver
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
Maxim Integrated Produc...
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
   5V EconoReset with Push-Pull Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
   3.3V EconoReset with Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com