Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32V-15H1IA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS128K32V-15H1IA
Description  128Kx32 3.3V SRAM MULTICHIP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K32V-15H1IA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS128K32V-15H1IA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 7Page - List of Unclassifed Manufacturers WS128K32V-15H1IA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
White Microelectronics • (602) 437-1520 • www.whiteedc.com
4
3
WS128K32V-XXX
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE1-4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
pF
HIP (PGA)
20
CQFP G2T/G1U
20
CS1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
4.6
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
5.5
V
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
DC CHARACTERISTICS
(VCC = 3.3V
±0.3V, VSS = 0V, TA = -55°C to +125°C)
Parameter
Sym
Conditions
Units
Min
Max
Input Leakage Current
ILI
VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current (x 32 Mode)
ICC x 32
CS = VIL, OE = VIH, f = 5MHz
500
mA
Standby Current
ISB
CS = VIH, OE = VIH, f = 5MHz
32
mA
Output Low Voltage
VOL
IOL = 8mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V


Similar Part No. - WS128K32V-15H1IA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128K32V-15H1IA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com