Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP350 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP350
Description  Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP350 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP350 Datasheet HTML 1Page - Toshiba Semiconductor TLP350 Datasheet HTML 2Page - Toshiba Semiconductor TLP350 Datasheet HTML 3Page - Toshiba Semiconductor TLP350 Datasheet HTML 4Page - Toshiba Semiconductor TLP350 Datasheet HTML 5Page - Toshiba Semiconductor TLP350 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP350
2003-10-27
3
Electrical Characteristics (Ta
==== −−−−40 to 100°C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
Forward voltage
VF
IF = 5 mA, Ta = 25°C
1.55
1.70
V
Temperature coefficient of forward
voltage
∆VF/∆Ta
IF = 5 mA
−2.0
mV/°C
Input reverse current
IR
VR = 5 V, Ta = 25°C
10
µA
Input capacitance
CT
V
= 0 , f = 1 MHz,Ta = 25°C
45
pF
IOPH1
V8-6 = 4.0 V
−1.0
−1.5
“H” Level
IOPH2
1
VCC = 30 V
IF = 5 mA
V8-6 =
IOPL1
V6-5 = 2.0 V
1.0
2.0
Output current
(Note 9)
“L” Level
IOPL2
2
VCC = 30 V
IF = 0 mA
V6-5 =
A
“H” Level
VOH
3
IO = −100 mA,
IF = 5 mA
11
Output voltage
“L” Level
VOL
4
VCC 1= +15 V
VEE 1= -15 V
IO = 100 mA,
VF = 0.8 V
1.0
V
“H” Level
ICCH
5
IF = 10 mA
2.0
Supply current
“L” Level
ICCL
6
VCC = 30 V
VO open
IF = 0 mA
2.0
mA
Threshold input current
L
→ H
IFLH
VCC 1= +15 V
VEE 1= -15 V, VO > 0 V
5
mA
Threshold input voltage
H
→ L
VFHL
VCC 1= +15 V
VEE 1= -15 V, VO < 0 V
0.8
V
Supply voltage
VCC

15
30
V
VUVLO+
11.0
13.5
V
UVLO thresh hold
VUVLO-
VO > 2.5 V , IF = 5 mA ,
IO=100 mA
9.5
12.0
V
*: All typical values are at Ta
= 25°C
Note 9: Duration of IO time ≤ 50 µs
Note 10: This product is more sensitive than the conventional product to static electricity (ESD) because of a lowest
power consumption design.
General precaution to static electricity (ESD) is necessary for handling this component.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0,f = 1MHz
(Note6)
0.8
pF
Isolation resistance
RS
VS = 500 V, Ta = 25°C,
R.H. ≤ 60%
(Note6)
1×10
12
10
14
AC,1 minute
3750
AC,1 second,in oil
10000
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc


Similar Part No. - TLP350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
More results

Similar Description - TLP350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
   Inverter For Air Conditioner
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com