Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD50-48S512P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HDD50-48S512P
Description  DC-DC CONVERTER 50~60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDD50-48S512P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HDD50-48S512P Datasheet HTML 1Page - List of Unclassifed Manufacturers HDD50-48S512P Datasheet HTML 2Page - List of Unclassifed Manufacturers HDD50-48S512P Datasheet HTML 3Page - List of Unclassifed Manufacturers HDD50-48S512P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-DC CONVERTER
HDD60 SERIES
50 ~ 60W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Double Output Models
HDD50 – 12D05-X
9~18 VDC
50 WATTS
5V / 5V
5A / 5A
78%
HH
HDD60 – 12D12-X
9~18 VDC
60 WATTS
12V / 12V
2.5A / 2.5A
80%
HH
HDD60 – 12D15-X
9~18 VDC
60 WATTS
15V / 15V
2A / 2A
80%
HH
HDD60 – 12D512-X
9~18 VDC
55 WATTS
5V / 12V
5A / 2.5A
79%
HH
HDD50 – 24D05-X
18~36 VDC
50 WATTS
5V / 5V
5A / 5A
80%
HH
HDD60 – 24D12-X
18~36 VDC
60 WATTS
12V / 12V
2.5A / 2.5A
82%
HH
HDD60 – 24D15-X
18~36 VDC
60 WATTS
15V / 15V
2A / 2A
82%
HH
HDD60 – 24D512-X
18~36 VDC
60 WATTS
5V / 12V
6A / 2.5A
80%
HH
HDD50 – 48D12-X
36~72 VDC
50 WATTS
5V / 5V
5A / 5A
80%
HH
HDD60 – 48D12-X
36~72 VDC
60 WATTS
12V / 12V
2.5A / 2.5A
84%
HH
HDD60 – 48D15-X
36~72 VDC
60 WATTS
15V / 15V
2A / 2A
84%
HH
HDD60 – 48D512-X
36~72 VDC
60 WATTS
5V / 12V
6A / 2.5A
81%
HH
Triple Output Models
HDD55 – 12T512-X
9~18 VDC
55 WATTS
+5V / ±12V
+5A / ±1.25A
78%
HH
HDD55 – 24T512-X
18~36 VDC
55 WATTS
+5V / ±12V
+5A / ±1.25A
79%
HH
HDD55 – 48T512-X
36~72 VDC
55 WATTS
+5V / ±12V
+5A / ±1.25A
80%
HH
--SUFFIX “X=P” : PCB MOUNTING TYPE, HEATSINK WILL BE ADDED ON MODULE.
--SUFFIX “X=T” : CHASSIS MOUNTING TYPE:(TERMINAL BLOCK), NO HEATSINK. USE CHASSIS AS HEATSINK OR FAN FORCE
COOLING. INDICATE SUFFIX WHEN ORDER.
--SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICED.
FEATURES
* 50W to 60W DC/DC CONVERTER
* 2:1 INPUT RANGE, PI INPUT FILTER
* ISOLATION INPUT AND OUTPUT
* HIGH PERFORMANCE UP TO 86%
* SHORT CIRCUIT PROTECTION
* 2 YEARS WARRANTY


Similar Part No. - HDD50-48S512P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDD-0810 AD-HDD-0810_15 Datasheet
2Mb / 6P
   HYBRID VIDEO LOW GLITCH D/A CONVERTER
HDD-1206 AD-HDD-1206 Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JW AD-HDD-1206JW Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWA AD-HDD-1206JWA Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWD AD-HDD-1206JWD Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
More results

Similar Description - HDD50-48S512P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com