Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2321A Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD2321A
Description  ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2321A Datasheet(HTML) 8 Page - Advanced Linear Devices

  ALD2321A Datasheet HTML 1Page - Advanced Linear Devices ALD2321A Datasheet HTML 2Page - Advanced Linear Devices ALD2321A Datasheet HTML 3Page - Advanced Linear Devices ALD2321A Datasheet HTML 4Page - Advanced Linear Devices ALD2321A Datasheet HTML 5Page - Advanced Linear Devices ALD2321A Datasheet HTML 6Page - Advanced Linear Devices ALD2321A Datasheet HTML 7Page - Advanced Linear Devices ALD2321A Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ALD2321A/ALD2321B
Advanced Linear Devices
8
ALD2321
PINS OUT1, OUT1H, OUT2, OUT2H,
INTERNAL CIRCUIT CONFIGURATIONS
RESPONSE TIME MEASUREMENT CIRCUIT
E-TRIM CIRCUIT
+
OUT
OUTH
Input
Offset
Trim
Circuit
Level
Shift/
Scaling
VE1x*
Input
Offset
Trim
Circuit
Level
Shift/
Scaling
VE2x*
+IN
-IN
-
TYPICAL APPLICATIONS
Response time is defined as the internal between the application
of an input step function and the instant when the output reaches
50% of its maximum value as measured by the following test circuit:
V+
VLIMIT2
PHOTO-
DETECTOR
LIGHT
-
-
+
+
LED
BUZZER
VLIMIT 1
VExternal
1/2 ALD2321
1/2 ALD2321
LED turns on as photo-detector
voltage reaches VLIMIT1.
Both LED and horn turns on as photo-
detector voltage reachesVLIMIT2.
VEXTERNAL= +12V, V+ = +5V
DUAL LIMIT PHOTO DETECTOR MONITOR
DUAL LIMIT WINDOW COMPARATOR
+
+
-
-
1/2 ALD2321
OUTPUT HIGH FOR VIN <VREF(HIGH)
RLOAD = 1.5KΩ
AND VIN > VREF(LOW)
VOUT
V+
VREF(HIGH)
1/2 ALD2321
VREF(LOW)
RLOAD
VIN
* These pins should be isolated by surrounding them with ground trace in user's applications.
OUT1
V+
OUT1H
OUT1
OUT2
V+
OUT2H
OUT2
+
-
5.1K
OUT
+5V
10X INPUT STEP
1K
9K
VIN


Similar Part No. - ALD2321A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321A ALD-ALD2321A Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321ADC ALD-ALD2321ADC Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321APCL ALD-ALD2321APCL Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321ASCL ALD-ALD2321ASCL Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
More results

Similar Description - ALD2321A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
Analog Devices
OP207 AD-OP207 Datasheet
150Kb / 6P
   Dual Ultra-Low Vos Matched Operational Amplifier
logo
Rohm
BU7232FVM-TR ROHM-BU7232FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com