Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2321BDC Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2321BDC
Description  ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2321BDC Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2321BDC Datasheet HTML 1Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 2Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 3Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 4Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 5Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 6Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 7Page - Advanced Linear Devices ALD2321BDC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALD2321A/ALD2321B
Advanced Linear Devices
2
ALD2321
BLOCK DIAGRAM
PIN #
SYMBOL
FUNCTION
SIGNAL PROPAGATION
ALD2321 PIN IDENTIFICATION
1
OUT1
COMPARATOR 1 SINK OUTPUT
OUTPUT
2
OUT1H
COMPARATOR 1 SOURCE OUTPUT
OUTPUT
3
-IN1
COMPARATOR 1 INVERTING INPUT
INPUT
4
+IN1
COMPARATOR 1 NON-INVERTING INPUT
INPUT
5
GND
GROUND / V- SUPPLY
-
6VE11
- VOS E-Trim COMPARATOR 1
INPUT
7VE12
+ VOS E-Trim COMPARATOR 1
INPUT
8
N/C
No Connect/Do Not connect externally
-
9
N/C
No Connect/Do Not connect externally
-
10
VE22
+VOS E-Trim COMPARATOR 2
INPUT
11
VE21
- VOS E-Trim COMPARATOR 2
INPUT
12
+IN2
COMPARATOR 2 NON-INVERTING INPUT
INPUT
13
-IN2
COMPARATOR 2 INVERTING INPUT
INPUT
14
OUT2H
COMPARATOR 2 SOURCE OUTPUT
OUTPUT
15
OUT2
COMPARATOR 2 SINK OUTPUT
OUTPUT
16
V+
V+ SUPPLY
-
The Source Output can source up to 2 mA and can be used to
drive the base terminal of an external NPN bipolar device or the
gate of a N-channel MOSFET device. Alternatively, the two
outputs, Source Output and Sink Output, can be connected
together to form a push-pull output which has the combined
output capabilities of both channels.
In the dual complementary output mode, each comparator can
be used to drive separate loads. Due to the complementary
nature of the two outputs, only one output is active at any a
given time, except for a limited crossover time. When OUT
(sink output) is active ON, the OUT pin is sinking current and
the OUTH pin is OFF and in high impedance mode. Con-
versely, if OUTH pin is ON and sourcing current, OUT pin is
OFF. To configure push-pull output, simply connect OUT (sink
output) pin to OUTH pin.
Since each voltage comparator has its own complementary
outputs, each comparator can be configured to have a different
output type. For example, one comparator output can be
connected as Open Drain output while the other comparator
can be wired as push-pull output. If used to drive capacitive
loads, the output DC current levels are at a very low level, at
essentially leakage current levels, which can be a power saving
feature.
The ALD2321A/ ALD2321B/ ALD2321 can detect and resolve
very low voltage levels at high speed, with little or no overdrive
voltage. Compared with other voltage comparator devices that
require 100 mV overdrive voltages, or multiple stage circuits
that include input preamp, etc., the ALD2321A/ ALD2321B/
ALD2321 can perform all input to output functions in one device
with minimal delay time and with as low as a 1mV signal.
The ALD2321A/ ALD2321B/ ALD2321 is supplied with 4
external e-trim pins, VE11, VE12, VE21 and VE22. These pins
are used for trimming of the voltage comparator offset voltages
GENERAL DESCRIPTION (cont'd)
at the factory, and normally should be left open unconnected.
However, in some cases these pins can be used as positive/
negative feedback pins, since these pins have a positive/
negative factor on the offset voltage. For example, see TYPI-
CAL APPLICATIONS section titled "Voltage Comparator
With Output Feedback to Provide Hysteresis."
In printed circuit board layout, it is suggested that these pins,
along with no connect (N/C) pins 8 and 9, be surrounded with
ground traces to prevent any possible crosstalk and noise
coupling from other signal sources.
Although not required for most applications, if necessary,
small valued capacitors of approximately 1000 pF can be
mounted at these pins to ground to further reduce noise. For
information on customized trimming under different biasing
and power supply conditions, please contact factory.
(1) OUT1
NONINVERTING INPUT
+IN 1 (4)
INVERTING INPUT
-IN 1 (3)
(16) V+
(2) OUT1H
VE11
GND
(6)
(7) VE12
(5)
(15) OUT2
VE21
INVERTING INPUT
-IN 2 (13)
(14) OUT2H
VE22
(11)
(10)
N/C
(8)
(9)
N/C
NONINVERTING INPUT
+IN 2 (12)
-
+
-
+


Similar Part No. - ALD2321BDC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321BDC ALD-ALD2321BDC Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
More results

Similar Description - ALD2321BDC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
Analog Devices
OP207 AD-OP207 Datasheet
150Kb / 6P
   Dual Ultra-Low Vos Matched Operational Amplifier
logo
Rohm
BU7232FVM-TR ROHM-BU7232FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com