Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V481CA40 Datasheet(PDF) 8 Page - Littelfuse

Part # V481CA40
Description  Varistor Products - High Energy Industrial Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V481CA40 Datasheet(HTML) 8 Page - Littelfuse

  V481CA40 Datasheet HTML 1Page - Littelfuse V481CA40 Datasheet HTML 2Page - Littelfuse V481CA40 Datasheet HTML 3Page - Littelfuse V481CA40 Datasheet HTML 4Page - Littelfuse V481CA40 Datasheet HTML 5Page - Littelfuse V481CA40 Datasheet HTML 6Page - Littelfuse V481CA40 Datasheet HTML 7Page - Littelfuse V481CA40 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
121
www .littelfuse .com
Varistor Products
2
High Energy Industrial Disc
CA Varistor Series
Ordering Information
The CA Series offers optional electrode finish materials and a glass
passivation edge option which must be designated. When ordering, the
code letters suffix as shown in the following table must be selected and
appended to the standard Model number.
NOTES:
1. The 60mm disc types V112CA60 to V282CA60, inclusive, are only
supplied with glass passivation and arc-sprayed copper finish
electrodes. (That is, with the “PC” option suffix code.)
2. The 32mm size discs are only available with silver metallization.
Note also that the CA Series receives no branding on the disc itself.
ELECTRODE
MATERIAL
NON-PASSIVATED
DISC
PASSIVATED
DISC
Arc-Sprayed Copper
NC
PC
Sintered Silver
NS
PS
Packaging and Shipping
The CA Series is supplied in bulk for shipment. Discs are packaged in
compartmentalized cartons to protect from scratching or edge-chipping
during shipment.
V251CA40PS
VARISTOR DESIGNATOR
MAX AC RMS WORKING VOLTAGE
(FIRST SIGNIFICANT DIGITS) VM(AC)
SILVER ELECTRODE
OPTION DESIGNATOR
DISC SIZE (mm) DIAMETER
SERIES DESIGNATOR
VM(AC) VOLTAGE DECADE MULTIPLIER
PASSIVATION OPTION DESIGNATOR


Similar Part No. - V481CA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V481CA60 LITTELFUSE-V481CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results

Similar Description - V481CA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com