Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8245MTPU333D Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC8245MTPU333D
Description  Integrated Processor Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245MTPU333D Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC8245MTPU333D Datasheet HTML 7Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 8Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 9Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 10Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 11Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 12Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 13Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 14Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
11
PC8245
2171D–HIREL–06/04
Electrical and Thermal
Characteristics
This section provides the AC and DC electrical specifications and thermal characteris-
tics for the PC8245.
DC Electrical Characteristics
This section covers ratings, conditions, and other characteristics.
Absolute Maximum
Ratings
The tables in this section describe the PC8245 DC electrical characteristics. Following
table provides the absolute maximum ratings.
Notes:
1. Functional and tested operating conditions are given in Table. Absolute maximum rat-
ings are stress ratings only and functional operation at the maximums is not
guaranteed. Stresses beyond those listed may affect device reliability or cause per-
manent damage to the device.
2. PCI inputs with LVDD = 5V ± 5% V DC may be correspondingly stressed at voltages
exceeding LV
DD + 0.5V DC.
Absolute Maximum Ratings
Symbol
Characteristic
(1)
Value
Unit
V
DD
Supply Voltage – CPU Core and Peripheral Logic
-0.3 to 2.1
V
GV
DD
Supply Voltage – Memory Bus Drivers
-0.3 to 3.6
V
OVDD
Supply Voltage – PCI and Standard I/O Buffers
-0.3 to 3.6
V
AV
DD/AVDD2
Supply Voltage – PLLs
-0.3 to 2.1
V
LV
DD
Supply Voltage – PCI Reference
-0.3 to 5.4
V
VIN
Input Voltage(2)
-0.3 to 3.6
V
T
STG
Storage Temperature Range
-65 to 150
°C


Similar Part No. - PC8245MTPU333D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC824 SHARP-PC824 Datasheet
74Kb / 5P
   AC Input Photocoupler
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Sharp Corporation
PC824A SHARP-PC824A Datasheet
74Kb / 5P
   AC Input Photocoupler
More results

Similar Description - PC8245MTPU333D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com