Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G53YEPR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUC2G53YEPR
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53YEPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC2G53YEPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G53YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Operating Characteristics
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484A – AUGUST 2003 – REVISED MARCH 2005
Analog Switch Characteristics (continued)
T
A = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
–59
1.1 V
–59
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–59
(see Figure 7)
1.65 V
–59
2.3 V
–60
Crosstalk(2)
COM or Y
Y or COM
dB
(between switches)
0.8 V
–55
1.1 V
–55
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
–55
(see Figure 7)
1.65 V
–55
2.3 V
–55
0.8 V
0.56
CL = 50 pF, RL = 600 Ω,
1.1 V
0.68
Crosstalk
fin = 1 MHz (square
INH
COM or Y
1.4 V
0.81
mV
(control input to signal output)
wave)
1.65 V
0.93
(see Figure 8)
2.3 V
1.5
0.8 V
–60
1.1 V
–60
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–60
(see Figure 9)
1.65 V
–60
2.3 V
–60
Feed-through attenuation(2)
COM or Y
Y or COM
dB
(switch OFF)
0.8 V
–59
1.1 V
–59
CL = 5 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–59
(see Figure 9)
1.65 V
–59
2.3 V
–59
0.8 V
6.19
1.1 V
0.39
CL = 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
1.4 V
0.06
(see Figure 10)
1.65 V
0.02
2.3 V
0.01
Sine-wave distortion
COM or Y
Y or COM
%
0.8 V
3.55
1.1 V
0.38
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
1.4 V
0.04
(see Figure 10)
1.65 V
0.02
2.3 V
0.02
(2)
Adjust fin voltage to obtain 0 dBm at input.
for INH input, T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
3
3
3
3
3
pF
capacitance
5


Similar Part No. - SN74AUC2G53YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53YZPR TI-SN74AUC2G53YZPR Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53YZPR TI-SN74AUC2G53YZPR Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53YZTR TI-SN74AUC2G53YZTR Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74AUC2G53YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com