Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME78081JBSZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AME78081JBSZ
Description  1A Positive Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME78081JBSZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AME78081JBSZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AME78081JBSZ Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME78XX
1A Positive Linear Regulator
Load Regulation vs. Temperature
Quiesent Current vs. Input Voltage
Dropout Voltage vs. Load Current
Output Voltage vs. Input Voltage
-1
0
1
2
3
4
5
6
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Input Voltage (V)
5mA
1A
1000
1200
1400
1600
1800
2000
2200
-50
-25
0
25
50
75
100
125
Temperature (oC)
5mA
500mA
1A
1000
1200
1400
1600
1800
2000
2200
5
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
-5oC
25oC
55oC
85oC
115oC
125oC
-45oC
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
Temperature (oC)
Quiesent Current vs. Temperature
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1 2
3 4
5
6 7
8 9 10 11 12 13 14 15 16 17 18 19 20
Input Voltage (V)
Temperature (oC)
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
-50
-25
0
25
50
75
100
125


Similar Part No. - AME78081JBSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME78L05AJAT AME-AME78L05AJAT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJATZ AME-AME78L05AJATZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFT AME-AME78L05AJFT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFTZ AME-AME78L05AJFTZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJHA AME-AME78L05AJHA Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results

Similar Description - AME78081JBSZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
   5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com