Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7806AECT Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MC7806AECT
Description  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC7806AECT Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MC7806AECT Datasheet HTML 6Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 7Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 8Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 9Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 10Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 11Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 12Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 13Page - Fairchild Semiconductor MC7806AECT Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MC78XXE/LM78XXE/MC78XXAE
10
Electrical Characteristics (MC7805AE) (Continued)
(Refer to the test circuits. 0
°C < TJ < 125°C, Io =1A, V I = 10V, C I=0.33µF, C O=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
4.9
5
5.1
V
IO = 5mA to 1A, PO
≤ 15W
VI = 7.5V to 20V
4.8
5
5.2
Line Regulation (Note1)
Regline
VI = 7.5V to 25V, IO = 500mA
-
5
50
mV
VI = 8V to 12V
-
3
50
TJ = +25
°C
VI= 7.3V to 20V
-
5
50
VI= 8V to 12V
-
1.5
25
Load Regulation (Note1)
Regload
TJ = +25
°C, IO = 5mA to 1.5A
-
9
100
mV
IO = 5mA to 1A
-
9
100
IO = 250mA to 750mA
-
4
50
Quiescent Current
IQ
TJ = +25
°C-
5.0
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1A
-
-
0.5
mA
VI = 8 V to 25V, IO = 500mA
-
-
0.8
VI = 7.5V to 20V, TJ = +25
°C-
-
0.8
Output Voltage Drift (Note2)
∆V/∆T
Io = 5mA
-
-0.8
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
TA =+25
°C
-10
-
µV/Vo
Ripple Rejection (Note2)
RR
f = 120Hz, IO = 500mA
VI = 8V to 18V
-68
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ =+25
°C-
2
-
V
Output Resistance (Note2)
rO
f = 1kHz
-
17
-
m
Short Circuit Current
ISC
VI = 35V, TA =+25
°C
-
250
-
mA
Peak Current (Note2)
IPK
TJ = +25
°C-
2.2
-
A


Similar Part No. - MC7806AECT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC7806AECT FAIRCHILD-MC7806AECT Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - MC7806AECT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com