Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA1759 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RMPA1759
Description  Korean-PCS PowerEdge Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA1759 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RMPA1759 Datasheet HTML 1Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 2Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 3Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 4Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 5Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 6Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 7Page - Fairchild Semiconductor RMPA1759 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
RMPA1759 Rev. C
Application Information
CAUTION: THIS IS AN ESD SENSITIVE DEVICE
Precautions to Avoid Permanent Device Damage:
• Cleanliness: Observe proper handling procedures to
ensure clean devices and PCBs. Devices should remain
in their original packaging until component placement to
ensure no contamination or damage to RF, DC & ground
contact areas.
• Device Cleaning: Standard board cleaning techniques
should not present device problems provided that the
boards are properly dried to remove solvents or water
residues.
• Static Sensitivity: Follow ESD precautions to protect
against ESD damage:
–A properly grounded static-dissipative surface on
which to place devices.
– Static-dissipative floor or mat.
–A properly grounded conductive wrist strap for each
person to wear while handling devices.
• General Handling: Handle the package on the top with a
vacuum collet or along the edges with a sharp pair of
bent tweezers. Avoiding damaging the RF, DC, & ground
contacts on the package bottom. Do not apply excessive
pressure to the top of the lid.
• Device Storage: Devices are supplied in heat-sealed,
moisture-barrier bags. In this condition, devices are
protected and require no special storage conditions.
Once the sealed bag has been opened, devices should
be stored in a dry nitrogen environment.
Device Usage:
Fairchild recommends the following procedures prior to
assembly.
• Dry-bake devices at 125°C for 24 hours minimum. Note:
The shipping trays cannot withstand 125°C baking
temperature.
• Assemble the dry-baked devices within 7 days of
removal from the oven.
• During the 7-day period, the devices must be stored in an
environment of less than 60% relative humidity and a
maximum temperature of 30°C
• If the 7-day period or the environmental conditions have
been exceeded, then the dry-bake procedure must be
repeated.
Solder
Materials
&
Temperature
Profile:
Reflow
soldering is the preferred method of SMT attachment. Hand
soldering is not recommended.
• Reflow Profile
– Ramp-up:
During
this
stage
the
solvents
are
evaporated from the solder paste. Care should be
taken to prevent rapid oxidation (or paste slump) and
solder bursts caused by violent solvent out-gassing. A
typical heating rate is 1- 2°C/sec.
– Pre-heat/soak: The soak temperature stage serves
two purposes; the flux is activated and the board and
devices
achieve
a
uniform
temperature.
The
recommended soak condition is: 120-150 seconds at
150°C.
– Reflow Zone: If the temperature is too high, then
devices may be damaged by mechanical stress due to
thermal mismatch or there may be problems due to
excessive
solder
oxidation.
Excessive
time
at
temperature can enhance the formation of inter-
metallic compounds at the lead/board interface and
may lead to early mechanical failure of the joint.
Reflow must occur prior to the flux being completely
driven off. The duration of peak reflow temperature
should not exceed 10 seconds. Maximum soldering
temperatures should be in the range 215-220°C, with
a maximum limit of 225°C.
– Cooling Zone: Steep thermal gradients may give rise
to excessive thermal shock. However, rapid cooling
promotes a finer grain structure and a more crack-
resistant solder joint. The illustration below indicates
the recommended soldering profile.
Solder Joint Characteristics:
Proper operation of this device depends on a reliable void-
free attachment of the heatsink to the PWB. The solder joint
should be 95% void-free and be a consistent thickness.
Rework Considerations:
Rework of a device attached to a board is limited to reflow
of the solder with a heat gun. The device should not be
subjected to more than 225°C and reflow solder in the
molten state for more than 5 seconds. No more than 2
rework operations should be performed.


Similar Part No. - RMPA1759

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1766 FAIRCHILD-RMPA1766 Datasheet
191Kb / 7P
   WCDMA Band IV Power Amplifier Module
More results

Similar Description - RMPA1759

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1959 FAIRCHILD-RMPA1959 Datasheet
562Kb / 11P
   PCS 3.4V CDMA & CDMA2000-1X PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA2059 FAIRCHILD-RMPA2059 Datasheet
246Kb / 7P
   WCDMA PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7833 HP-ACPM-7833 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833 BOARDCOM-ACPM-7833 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Fairchild Semiconductor
RMPA0951AT FAIRCHILD-RMPA0951AT Datasheet
555Kb / 11P
   3V Cellular CDMA PowerEdge Power Amplifier Module
RMPA2259 FAIRCHILD-RMPA2259 Datasheet
235Kb / 11P
   28 dBm WCDMA PowerEdge Power Amplifier Module
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
WS1403 AVAGO-WS1403 Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com