Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L60030C-2SQ Datasheet(PDF) 1 Page - Littelfuse

Part # L60030C-2SQ
Description  Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60030C-2SQ Datasheet(HTML) 1 Page - Littelfuse

  L60030C-2SQ Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuse Blocks and Clips
471
www .littelfuse .com
14
For 1
1/
2 Long Midget Fuses
600 Volt Molded Base Type
Space-saving, 600 volt, molded base fuse blocks with side barriers for
isolation. For use with 13/32" x 11/2" midget fuses. By sliding and locking
blocks together, any number of poles can be achieved. Class CC fuses
have a rejection feature on one end cap which mates with the rejection
feature of Littelfuse Class CC fuse blocks and fuseholders to prevent the
installation of fuses with lower voltage ratings or interrupting ratings.
AGENCY APPROVALS: Midget Blocks: Recognized under the
Components Program of Underwriters Laboratories. Certified by CSA.
Class CC Blocks: UL Listed. Certified by CSA.
SPECIFICATIONS:
Electrical: Screw terminal, pressure plate terminal, and box lug
terminals rated for 30 amperes. Q.C. terminals rated for 20 amperes.
Dielectric Strength: 1200V Minimum.
Clip/Terminals: Tin-Plated Copper Alloy.
Box Lug: Copper.
Screws and Captive Pressure Plate: Zinc-Plated Steel.
Reinforcing Spring: Stainless Steel. Contact factory for availability.
Base: Thermoplastic. UL 94V0 flammability rating.
Ambient Temperature: 105°C Maximum.
PATENTED
DIMENSIONS:
ORDERING INFORMATION:
Catalog Number
Number of
Maximum
Midget
Class CC
Poles
Connector Type
Wire Size
L60030M-1C
L60030C-1C
1
Copper Box Lug
L60030M-2C
L60030C-2C
2
Copper Box Lug
# 6 CU
L60030M-3C
L60030C-3C
3
Copper Box Lug
L60030M-1SQ
L60030C-1SQ
1
Screw/Q.C. Terminal
L60030M-2SQ
L60030C-2SQ
2
Screw/Q.C. Terminal
#10 CU
L60030M-3SQ
L60030C-3SQ
3
Screw/Q.C. Terminal
L60030M-1PQ
L60030C-1PQ
1
Pressure Plate/Q.C. Terminal
L60030M-2PQ
L60030C-2PQ
2
Pressure Plate/Q.C. Terminal
#10 CU
L60030M-3PQ
L60030C-3PQ
3
Pressure Plate/Q.C. Terminal
DIN Rail Adapter: Part No. FBDIN1.
Class CC
Rejection Feature
Fuse Clip
Guide Spring
.495"
REF.
.172" REF.
Screw
with
Pressure
Plate
(P)
Screw
(S)
Box
Lug
(C)
.172" REF.
.100"
REF.
3.00"
REF.
.650"
REF.
1.250"
REF .
.600"
REF.
.783"
REF .
1.490"
REF.
.750"
REF.
.484 "
REF.
.670"
REF.
1.360"
REF.
.770"
REF.
.576"
REF.
Installation of #FBDIN1 DIN Rail
Adapter to fuse block permits
assemblies to be snapped to 32mm
asymmetrical or 35mm symmetrical
(“hat” type) DIN rails.
Gang
Mountable
Fuse blocks
interlock to
form desired
number of poles
®
®
®
UL


Similar Part No. - L60030C-2SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030C-2SQ LITTELFUSE-L60030C-2SQ Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C-2SQ LITTELFUSE-L60030C-2SQ Datasheet
166Kb / 2P
   Blocks and Holders
L60030C-2SQ LITTELFUSE-L60030C-2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

Similar Description - L60030C-2SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
logo
Cooper Bussmann, Inc.
4515 COOPER-4515 Datasheet
98Kb / 1P
   Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com