Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L60030M-1SQ Datasheet(PDF) 2 Page - Littelfuse

Part # L60030M-1SQ
Description  Class CC/CD and Midget Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60030M-1SQ Datasheet(HTML) 2 Page - Littelfuse

  L60030M-1SQ Datasheet HTML 1Page - Littelfuse L60030M-1SQ Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
103
1.89"
[48.0]
3.35"
[85.09]
3.35"
[85.09]
3.35"
[85.09]
1.01"
[25.65]
1 POLE
2 POLE
3 POLE
ADDER
.783"
[19.89]
3.0"
[76.2]
1.437"
[36.49]
2.25"
[57.15]
1.25"
[31.75]
1 POLE
2 POLE
3 POLE
3.12"
[79.25]
1.01"
[25.65]
1.01"
[25.65]
2.12"
[53.85]
3.0"
[76.2]
3.0"
[76.2]
3.35"
[85.09]
Class CC and Midget Fuse Blocks
600 Volt
Class CC 30A Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
1
L60030C-1C
30
2
L60030C-2C
Box Lug
#6 CU
3
L60030C-3C
1
L60030C-1PQ
30
2
L60030C-2PQ
Pressure Plate/
#10 CU
3
L60030C-3PQ
Q. C. Terminal
1
L60030C-1SQ
30
2
L60030C-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030C-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
Amp
Rating
Maximum
Wire Size
Class CD 60A Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
Amp
Rating
Maximum
Wire Size
1
L60060C-1C
60
2
L60060C-2C
Box Lug
#6 CU
3
L60060C-3C
60
Adder
L60060C-AC
Box Lug
#6 CU
Block
Midget Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
Amp
Rating
Maximum
Wire Size
1
L60030M-1C
30
2
L60030M-2C
Box Lug
#6 CU
3
L60030M-3C
1
L60030M-1PQ
30
2
L60030M-2PQ
Pressure Plate/
#10 CU
3
L60030M-3PQ
Q. C. Terminal
1
L60030M-1SQ
30
2
L60030M-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030M-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
L60030
L60060
Contents
Index
Previous
Next


Similar Part No. - L60030M-1SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M-1SQ LITTELFUSE-L60030M-1SQ Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
L60030M-1SQ LITTELFUSE-L60030M-1SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

Similar Description - L60030M-1SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
CCMR LITTELFUSE-CCMR_13 Datasheet
722Kb / 6P
   Class CC/CD CCMR Series FUSES
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com