Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3100D2RGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3100D2RGZT
Description  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2RGZT Datasheet(HTML) 1 Page - Texas Instruments

  TPA3100D2RGZT Datasheet HTML 1Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 2Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 3Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 4Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 5Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 6Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
QFN
TQFP
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TPA3100D2
(QFN Version)
GAIN1
LINP
RINN
RINP
AGND
LINN
GAIN0
SYNC
MSTR/SLV
NC
NC
NC
Fault
Output
Shutdown
and Mute
Control
220nF
220nF
220nF
220nF
PVCCR
NC
NC
PGNDR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PVCCL
PGNDL
PGNDL
PVCCL
10 V - 26 V
10 V - 26 V
10 F
m
10 V - 26 V
1 F
m
1 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
1 F
m
10 nF
100 kW
Differential
Analog
Inputs
4-Step
Gain Control
Synchronize Multiple
Class-D Devices
33 H
m
33 H
m
33 H
m
33 H
m
0.47 F
m
0.47 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
8 W
8 W
Fault
Output
Shutdown
and Mute
Control
TPA3100D2
(TQFP Version)
GAIN1
LINP
RINN
RINP
AGND
LINN
GAIN0
SYNC
MSTR/SLV
GND
GAIN0
GND
10 V - 26 V
220nF
220nF
220nF
220nF
PVCCR
GND
GND
PGNDR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PVCCL
PGNDL
PGNDL
PVCCL
10 V - 26 V
10 V - 26 V
10 F
m
33 H
m
33 H
m
0.47 F
m
1 F
m
1 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
1 F
m
10 nF
100 kW
0.1 F
m
0.1 F
m
Differential
Analog
Inputs
4-Step
Gain Control
Synchronize Multiple
Class-D Devices
33 H
m
33 H
m
0.47 F
m
0.1 F
m
8 W
8 W
0.1 F
m
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Televisions
20-W/ch into an 8-
Ω Load From a 18-V Supply
10-W/ch into an 8-
Ω Load From a 12-V Supply
15-W/ch into an 4-
Ω Load From a 12-V Supply
The TPA3100D2 is a 20-W (per channel) efficient,
Operates from 10 V to 26 V
Class-D audio power amplifier for driving bridged-tied
92% Efficient Class-D Operation Eliminates
stereo speakers. The TPA3100D2 can drive stereo
Need for Heat Sinks
speakers as low as 4
Ω. The high efficiency of the
Four Selectable, Fixed Gain Settings
TPA3100D2,
92%,
eliminates
the
need
for
an
external heat sink when playing music.
Differential Inputs
The gain of the amplifier is controlled by two gain
Thermal and Short-Circuit Protection With
select pins. The gain selections are 20, 26, 32, 36
Auto Recovery Feature
dB.
Clock Output for Synchronization With
The outputs are fully protected against shorts to
Multiple Class-D Devices
GND, VCC, and output-to-output shorts with an auto
Surface Mount 7 mm
× 7 mm, 48-pin QFN
recovery feature and monitor output.
Package
Surface Mount 7 mm
× 7 mm, 48-pin TQFP
Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2005, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3100D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3100D2RGZT TI-TPA3100D2RGZT Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZT TI1-TPA3100D2RGZT Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZTG4 TI-TPA3100D2RGZTG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZTG4 TI1-TPA3100D2RGZTG4 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3100D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com