Selected language     English  ▼


LCE28A Datasheet(PDF) 1 Page - Littelfuse

Part No. LCE28A
Description  Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

   
 1 page
background image
Silicon Avalanche Diodes
311
www .littelfuse .com
1500W Axial Leaded Transient Voltage Supressors
LCE Series
FEATURES
RoHS compliant
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
Glass passivated junction
1500W Peak Pulse Power capability with a 10/1000µs
waveform, repetition rate (duty cycle):0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 5.0ns from 0 Volts to
V(BR)
Ideal for data line applications
Low capacitance
High temperature soldering guaranteed: 265˚C/10
seconds,0.375"(9.5mm) lead length, 5lbs., (2.3kg) tension
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation with a
10/1000µs waveform
(note 1,FIG.1)
Steady State Power Dissipation,
TL= 75 with at lead lengths 0.375”
(9.5mm)
Peak power pulse surge current
with a 10/1000µs waveform
(FIG.3, note 1)
Operating junction and Storage
Temperature Range
VALUE
Min
1500
5
See Table 1
-55 to +175
UNIT
Watts
Watts
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=
25˚C per Fig.2
SYMBOL
PPPM
PM(AV)
IPPM
Tj, TsTG
®
LC E
C A
Voltage
Bi-Directional
Packaging Options
5% Voltage Tolerance
B= Bulk (500 pcs)
T= Tape and reeled (1200 pcs)
ORDERING INFORMATION
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
Mechanical Specifications:
Weight:
0.045 ounce, 1.2 grams
Case:
JEDEC DO-201 Molded Plastic over
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bidirectionals
Terminal:
Solder Plated, solderable per
MIL-STD-750, Method 2026
Standard Packaging:
16mm tape (EIA STD RS-481)
RoHS
6




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P4KE6.8ASilicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors 1 2 3 4 Littelfuse
1.5KESilicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors 1 2 3 4 Littelfuse
SA5.0ASilicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors 1 2 3 4 Littelfuse
1N56Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors 1 2 3 4 Littelfuse
SLD16U-017Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors 1 2 Littelfuse
1N60Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors 1 2 3 4 Littelfuse
5KP5.0ASilicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 1 2 3 4 Littelfuse
15KPSilicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor 1 2 3 Littelfuse
FB120Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors 1 Littelfuse
ICTEICBSilicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors 1 2 Littelfuse

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl