Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT60060-2 Datasheet(PDF) 2 Page - Littelfuse

Part # LT60060-2
Description  Class T Fuse Blocks - 300 and 600 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LT60060-2 Datasheet(HTML) 2 Page - Littelfuse

  LT60060-2 Datasheet HTML 1Page - Littelfuse LT60060-2 Datasheet HTML 2Page - Littelfuse LT60060-2 Datasheet HTML 3Page - Littelfuse LT60060-2 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
119
4.50"
[114.3]
5.25"
[133.3]
3.09"
[78.6]
1.56"
[39.6]
1.37
[34.8]
.203" [5.1]
DIA.HOLE
.69"
[17.5]
.37" [9.5]
C'BORE
4.78"
[121.4]
2.39"
[60.7]
.18"
[4.6]
1.87"
[47.5]
1 POLE
2 POLE
1.41"
[35.7]
4.50"
[114.3]
5.25"
[133.3]
4.12"
[104.6]
2.75"
[69.8]
.69"
[17.5]
3 POLE
6.25"
[158.7]
7.00"
[177.8]
1.69"
[42.9]
1.50"
[38.1]
.281" [7.1]
DIA.HOLE
.69"
[17.5]
.50" [12.7]
C'BORE
1 POLE
1 POLE
1 POLE
.18"
[4.6]
2.25"
[57.1]
8.12"
[206.2]
7.37"
[187.3]
1.12"
[28.6]
1.84"
[46.7]
.28" [7.1] DIA HOLE
.50" [12.7] C'BORE
x .43" [10.9] DEEP
2.25"
[57.1]
.
19"
[48]
2.37"
[60.2]
.62"
[15.7]
8.75"
[222.2]
8.06"
[203.2]
2.03"
[51.6]
.28" [7.1] DIA HOLE
.50" [12.7] C'BORE
x .43" [10.9] DEEP
2.75"
[69.8]
.37"
[9.5]
.19"
[4.8]
2.62"
[66.5]
.62"
[15.7]
Class T Fuse Blocks
300 Volt
LT30060
LT30100
LT30200
LT30400
LT30600
.31"
[7.9]
2.88"
[73.0]
2.25"
[57.2]
1.19"
[30.2]
1.13"
[28.6]
.62"
[15.9]
3.50"
[88.9]
1.28"
[32.5]
1.13"
[28.6]
.20"
[5.2]
1.20"
[30.6]
2.06"
52.4]
.44"
[11.1]
3.09"
[78.6]
4.47"
[113.5]
.218" [5.54] THRU
.39" [9.91] C'BORE
x .44" [9.91] DP.
2.88
[73.0]
2.25
[57.2]
1.19
[30.2]
1.13
[28.6]
2.38
[60.3]
.31
[7.9]
2 POLE
3 POLE
4 POLE


Similar Part No. - LT60060-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT6000CDCB LINER-LT6000CDCB Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
More results

Similar Description - LT60060-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com