Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT60060-3 Datasheet(PDF) 1 Page - Littelfuse

Part # LT60060-3
Description  Class T Fuse Blocks - 300 and 600 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LT60060-3 Datasheet(HTML) 1 Page - Littelfuse

  LT60060-3 Datasheet HTML 1Page - Littelfuse LT60060-3 Datasheet HTML 2Page - Littelfuse LT60060-3 Datasheet HTML 3Page - Littelfuse LT60060-3 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
118
Class T Fuse Blocks
300 and 600 Volt
SPECIFICATIONS
Voltage Ratings: 300 Volts AC
600 Volts AC
Ampere Ratings: 0 – 600 amperes
Approvals: UL Listed (File No. E14721)
Class T 600V
Class T 300V
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
30
2
LT30030-2
CR
S = #10 CU
3
LT30030-3
CR
C = #2 CU
2
LT30060-2
CR
60
3
LT30060-3
CR
C = #2 CU-AL
4
LT30060-4
CR
1
LT30100-1
C
100
2
LT30100-2
C
#2/0 CU-AL
3
LT30100-3
C
200
1
LT30200-1
C
250 MCM CU-AL
400
1
LT30400-1
C
(2) 250 MCM CU-AL
600
1
LT30600-1
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all 300 volt Class T
fuse blocks up to 100 amperes. 300 volt Class T blocks 200
amperes and larger have stud mountings.
Box Lug
Screw
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
Box Lug
Screw
1
LT60030-1
SR
CR
S = #10 CU
30
2
LT60030-2
SR
CR
C = #2 CU-AL
3
LT60030-3
SR
CR
1
LT60060-1
CR
60
2
LT60060-2
CR
C = #2 CU-AL
3
LT60060-3
CR
1
LT60100-1
C
100
2
LT60100-2
C
#2/0 CU-AL
3
LT60100-3
C
200
1
LT60200-1
C
250 MCM CU-AL
400
1
LT60400-1
C
(2) 250 MCM CU-AL
600
1
LT60600-1
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all 600 volt Class T
fuse blocks up to 60 amperes. 600 volt Class T blocks 100
amperes and larger have stud mountings.
CSA Certified (File No. LR73091)
RECOMMENDED FUSES
JLLN (300V) and JLLS (600V) series fuses
300 and 600 volt fuse blocks are designed for use with
miniaturized Class T fuses. Class T fuses are very fast-acting,
current limiting, and approximately one-third the size of
electrically-comparable Class RK1 fuses.
FEATURES/BENEFITS
Bases are molded phenolic. To provide a low resistance
connection and long-range reliability, steel reinforcing
springs are supplied as standard. Larger blocks employ an
integral heat sink for maximum heat dissipation.
.31"
[7.9]
2.88"
[73.0]
2.25"
[57.2]
1.19"
[30.2]
1.13"
[28.6]
.62"
[15.9]
3.50"
[88.9]
1.12"
[28.5]
1.13"
[28.6]
.218" [5.54] THRU
.39" [9.91] C'BORE
x .44" [9.91] DP.
2.88
[73.0]
2.25
[57.2]
1.19
[30.2]
1.13
[28.6]
2.38
[60.3]
.31
[7.9]
2 POLE
3 POLE
LT30030


Similar Part No. - LT60060-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT6000CDCB LINER-LT6000CDCB Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
More results

Similar Description - LT60060-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com