Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBWLVEP16VR Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBWLVEP16VR
Description  2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBWLVEP16VR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBWLVEP16VR Datasheet HTML 6Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 7Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 8Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 9Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 10Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 11Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 12Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 13Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NBLVEP16VR
http://onsemi.com
11
Figure 11. QHG/QHG Device Evaluation Set−up; VEEP = OPEN
Figure 12. QHG/QHG Device Evaluation Set−up; VEEP = VEE
Driver
Oscilliscope
Q
Q
VEE
Figure 13. Q/Q Device Evaluation Set−up; CS_SEL = VEE or OPEN
Driver
Oscilliscope
QHG
QHG
CS_SEL (Open or Tied to VEE)
VEEP
VEE
VEE
VEE
Driver
Oscilliscope
QHG
QHG
VEEP (OPEN)
Zo = 50 W
Zo = 50 W
Zo = 50 W
Zo = 50 W
Zo = 50 W
Zo = 50 W
50
W
50
W
50
W
50
W
50
W
50
W


Similar Description - NBWLVEP16VR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com