Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3500SD Datasheet(PDF) 1 Page - Littelfuse

Part # P3500SD
Description  High Surge Current (D-rated) SIDACtor Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SD Datasheet(HTML) 1 Page - Littelfuse

  P3500SD Datasheet HTML 1Page - Littelfuse P3500SD Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Surge Current (D-rated) SIDACtor Device
http://www.littelfuse.com
2 - 10
© 2004 Littelfuse, Inc.
+1 972-580-7777
SIDACtor® Data Book and Design Guide
High Surge Current (D-rated) SIDACtor Device
DO-214AA SIDACtor solid state protection devices with a D surge rating protect
telecommunications equipment such as modems, line cards, fax machines, and other CPE.
These SIDACtor devices withstand simultaneous surges incurred in GR 1089 lightning
tests. (See "First Level Lightning Surge Test" on page 4-5.) Surge ratings are twice that of a
device with a C surge rating. This allows a discrete surface mount version of Littelfuse’s
patented “Y” configuration. (US Patent 4,905,119)
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A
(formerly known as FCC Part 68).
* For surge ratings, see table below.
** Contact factory for release date.
*** The 2.2 A version cannot be used to meet 4.4 A requirements.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps ***
IH
mAmps
CO
pF
P0080SD **
6
25
4
5
800
2.2
50
200
P0300SD **
25
40
4
5
800
2.2
50
220
P0640SD **
58
77
4
5
800
2.2
50
100
P0720SD **
65
88
4
5
800
2.2
50
100
P0900SD **
75
98
4
5
800
2.2
50
100
P1100SD
90
130
4
5
800
2.2
50
80
P1300SD
120
160
4
5
800
2.2
50
80
P1500SD
140
180
4
5
800
2.2
50
80
P1800SD
170
220
4
5
800
2.2
50
60
P2300SD
190
260
4
5
800
2.2
50
60
P2600SD
220
300
4
5
800
2.2
50
60
P3100SD
275
350
4
5
800
2.2
50
60
P3500SD
320
400
4
5
800
2.2
50
60
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
D
1000
800
400
300
200
50
1000


Similar Part No. - P3500SD

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P3500SD TECCOR-P3500SD Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3500SD LITTELFUSE-P3500SD Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
JIEJIE MICROELECTRONICS...
P3500SD JIEJIE-P3500SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
logo
Littelfuse
P3500SDL LITTELFUSE-P3500SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P3500SDL LITTELFUSE-P3500SDL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P3500SD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6002AD LITTELFUSE-P6002AD Datasheet
123Kb / 2P
   High Surge Current SIDACtor Device
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P6002ADL LITTELFUSE-P6002ADL Datasheet
146Kb / 2P
   High Surge Current Three-pin SIDACtor
P1400ADL LITTELFUSE-P1400ADL Datasheet
144Kb / 2P
   High Surge Current Two-pin SIDACtor
logo
Teccor Electronics
P0080S TECCOR-P0080S Datasheet
423Kb / 2P
   SIDACtor Device
logo
List of Unclassifed Man...
P1100SBRP ETC2-P1100SBRP Datasheet
127Kb / 2P
   SIDACtor Device
logo
Littelfuse
P0080ECMCL LITTELFUSE-P0080ECMCL Datasheet
101Kb / 3P
   MicroCapacitance SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com