Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1024B090 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1024B090
Description  Gas Discharge Tubes - Omega Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024B090 Datasheet(HTML) 1 Page - Littelfuse

  SL1024B090 Datasheet HTML 1Page - Littelfuse SL1024B090 Datasheet HTML 2Page - Littelfuse SL1024B090 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
344
www .littelfuse .com
Gas Discharge Tubes
Omega Range
Greentube™ SL1024B Series Gas Plasma Arresters
ORDERING INFORMATION
3 ELECTRODE GDT
a=TIP
b=RING
e=GROUND
(centre electrode)
GRAPHICAL SYMBOL
a
b
e
1024 B
SL
Voltage
Pin Configuration
Failsafe Optio
F=Plastic
S=Solder
n
C=Core
R=Leaded
ø8.0+
_0.2
ø1.0+
_0.2
All dimensions in mm
The SL1024B series offers high levels of current handling on fast
rising transients created by induced Lightning disturbances.
These devices are extremely robust and are able to divert pulses
of 20,000 Amps. The SL1024B also features ultra low capacitance
(typically 1pF or less) making them ideal for the protection of
high-speed transmission equipment.
FEATURES
RoHS compliant except
‘RS’ suffix
• Low insertion loss
Excellent response to fast rising transients.
Ultra low capacitance.
20KA surge capability tested with 8/20µs pulse as defined by
IEC 61000-4-5
Available with thermal failsafe option (add ‘F’ or ‘S’ suffix to
part number)
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
Splitters
General telecom equipment.
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and date
code. Red.
®
Pb
RoHS
SL1024B xxxC
SL1024B xxxR
SL1024B xxxRF


Similar Part No. - SL1024B090

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1024B090 LITTELFUSE-SL1024B090 Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
More results

Similar Description - SL1024B090

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com