Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA24A Datasheet(PDF) 1 Page - Littelfuse

Part # SA24A
Description  Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA24A Datasheet(HTML) 1 Page - Littelfuse

  SA24A Datasheet HTML 1Page - Littelfuse SA24A Datasheet HTML 2Page - Littelfuse SA24A Datasheet HTML 3Page - Littelfuse SA24A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
286
www .littelfuse .com
500 Watt Axial Leaded Transient Voltage Suppressors
®
MAXIMUM RATINGS AND CHARACTERISTICS @25˚C
AMBIENT TEMPERATURE (unless otherwise noted)
UNIT
Watts
Amps
Watts
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
2. Mounted on Copper Pad area of 1.6x1.6"(40x40mm)
per Fig.5.
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty
cycle= 4 pulses per minutes maximum.
The SA Series is designed specifically to protect sensitive
electronics equipment from voltage transients induced by
lightning and other transient voltage events. These devices are
ideal for the protection of I/O interfaces, Vcc bus and other
vulnerable circuits used in computer and consumer electronic
applications.
FEATURES
RoHS Compliant
5.0 to 180 Volts
Uni-directional and Bi-directional
Glass passivated chip junction
500W peak pulse power capability on 10/1000µs waveform
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
BV for unidirectional and 5.0ns for bidirectional types
Typical IR less than 1µA above 10V
High temperature soldering guaranteed: 265˚C/10
seconds/.375",(9.5mm) lead length, 5lbs.,(2.3kg) tension
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
Agency File Number: E128662
SA
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Packing Option
B = Bulk (1000 pcs)
T = Tape and reeled (4000 pcs)
SYMBOL
PPPM
IPPM
PM(AV)
IFSM
Tj, TSTG
VALUE
Min
500
SEE
TABLE 1
3
70
-55 to +175
RATING
Peak Pulse Power Dissipation on
10/1000µs waveform(Note 1, FIG. 1)
Peak Pulse Current of on 10/1000µs
waveform (Note 1, FIG. 3)
Steady State Power Dissipation at
TL=75˚C, Lead lengths .375",
(9.5mm)(Note 2)
Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed
on Rated Load, (JEDEC Method)
(Note 3)
Operating junction and Storage
Temperature Range
Mechanical Specifications:
Weight:
0.015 ounce, 0.4 gram
Case:
JEDEC DO-15 Molded Plastic over
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bidirectional
Terminal:
Plated Axial leads, solderable per
MIL-STD-750, Method 2026
ORDERING INFORMATION
SA Series
RoHS


Similar Part No. - SA24A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA24A MOTOROLA-SA24A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA24A LEIDITECH-SA24A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Taiwan Semiconductor Co...
SA24A TSC-SA24A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA24A WTE-SA24A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SA24A SOCAY-SA24A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SA24A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com