Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ36C Datasheet(PDF) 1 Page - Littelfuse

Part # P6SMBJ36C
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6SMBJ36C Datasheet(HTML) 1 Page - Littelfuse

  P6SMBJ36C Datasheet HTML 1Page - Littelfuse P6SMBJ36C Datasheet HTML 2Page - Littelfuse P6SMBJ36C Datasheet HTML 3Page - Littelfuse P6SMBJ36C Datasheet HTML 4Page - Littelfuse P6SMBJ36C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon Avalanche Diodes
272
www .littelfuse .com
600W Surface Mount Transient Voltage Sup
pressors
Protect sensitive electronics against voltage transients induced by
inductive load switching and lightning. Ideal for the protection
of I/O interfaces, Vcc bus and other integrated circuits.
FEATURES
Stand-off voltage range 5.5 to 185 Volts
Uni-directional and Bi-directional
Glass passivated junction
Jedec package designed to meet SM assembly needs
Low lead inductance
100% surge tested
UL recognised
MAXIMUM RATING
Peak Pulse Power (Ppk) 600 Watts (10 x 1000µs)@25°C
(see diagram on page 3 for wave form)
1.5 watt steady state
Response time: 1 x 10-12 secs (theoretical)
Forward surge rating: 100A, 8.3 ms single half sine-wave
(uni-directional only)
Operating & storage temp.: -55°C to +150°C
MECHANICAL CHARACTERISTICS
Case: DO-214AA moulded plastic over glass
passivated junction UL94V(O) (Thermoset) Epoxy
Terminals: Solder plated solderable per MIL-STD-750
Method 2026
Solderable leads: 230°C for 10 seconds.
Marking: cathode band (positive terminal, uni-directional
devices only), device code, logo
Weight: 0.093 gram (approx).
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
ORDERING INFORMATION
2.16
2.26
2.74
2.16
Solder Pads
All dimensions in mm
P6SMBJ
C A
Voltage
Bi-Directional
5% Voltage Tolerance
P6SMBJ Series
®


Similar Part No. - P6SMBJ36C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ36C PANJIT-P6SMBJ36C Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Surge Components
P6SMBJ36C SURGE-P6SMBJ36C Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Transys Electronics
P6SMBJ36C TRSYS-P6SMBJ36C Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6SMBJ36C WTE-P6SMBJ36C Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMBJ36C WTE-P6SMBJ36C Datasheet
79Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ36C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com