Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP723AB Datasheet(PDF) 5 Page - Littelfuse

Part # SP723AB
Description  TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723AB Datasheet(HTML) 5 Page - Littelfuse

  SP723AB Datasheet HTML 1Page - Littelfuse SP723AB Datasheet HTML 2Page - Littelfuse SP723AB Datasheet HTML 3Page - Littelfuse SP723AB Datasheet HTML 4Page - Littelfuse SP723AB Datasheet HTML 5Page - Littelfuse SP723AB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
244
www .littelfuse .com
TVS Diode Arrays
Electronic Protection Array for ESD and Overvoltage Protection
SP723
Dual-In-Line Plastic Packages (PDIP)
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between
English and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated
in JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protru-
sions. Mold flash or protrusions shall not exceed 0.010 inch
(0.25mm).
6. E and
are measured with the leads constrained to be per-
pendicular to datum
.
7. eB and eC are measured at the lead tips with the leads uncon-
strained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions.
Dambar protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3,
E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch
(0.76 - 1.14mm).
eA
-C-
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.355
0.400
9.01
10.16
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N8
8
9


Similar Part No. - SP723AB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
260Kb / 6P
   TVS Diode Arrays
SP723ABG LITTELFUSE-SP723ABG Datasheet
227Kb / 6P
   5pF 8kV Diode Array
SP723ABT LITTELFUSE-SP723ABT Datasheet
260Kb / 6P
   TVS Diode Arrays
SP723ABTG LITTELFUSE-SP723ABTG Datasheet
227Kb / 6P
   5pF 8kV Diode Array
More results

Similar Description - SP723AB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
   TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
   TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
   SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Solid States Devices, I...
SM720MD SSDI-SM720MD Datasheet
815Kb / 4P
   70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
   ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com