Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ6.0C Datasheet(PDF) 3 Page - Littelfuse

Part # SMBJ6.0C
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ6.0C Datasheet(HTML) 3 Page - Littelfuse

  SMBJ6.0C Datasheet HTML 1Page - Littelfuse SMBJ6.0C Datasheet HTML 2Page - Littelfuse SMBJ6.0C Datasheet HTML 3Page - Littelfuse SMBJ6.0C Datasheet HTML 4Page - Littelfuse SMBJ6.0C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicon Avalanche Diodes
269
www .littelfuse .com
6
SMBJ5.0*
SMBJ5.0A*
SMBJ6.0*
SMBJ6.0A*
SMBJ6.5
SMBJ6.5A
SMBJ7.0
SMBJ7.0A
SMBJ7.5
SMBJ7.5A
SMBJ8.0
SMBJ8.0A
SMBJ8.5*
SMBJ8.5A*
SMBJ9.0
SMBJ9.0A
SMBJ10
SMBJ10A
SMBJ11
SMBJ11A
SMBJ12*
SMBJ12A*
SMBJ13
SMBJ13A
SMBJ14
SMBJ14A
SMBJ15*
SMBJ15A*
SMBJ16
SMBJ16A
SMBJ17
SMBJ17A
Part
Number
Uni-Polar
KD
KE
KF
KG
KH
KK
KL
KM
KN
KP
KQ
KR
KS
KT
KU
KV
KW
KX
KY
KZ
LD
LE
LF
LG
LH
LK
LL
LM
LN
LP
LQ
LR
Device
Code
Uni-Polar
Part
Number
Bi-Polar
SMBJ5.0C*
SMBJ5.0CA*
SMBJ6.0C*
SMBJ6.0CA*
SMBJ6.5C
SMBJ6.5CA
SMBJ7.0C
SMBJ7.0CA
SMBJ7.5C*
SMBJ7.5CA*
SMBJ8.0C
SMBJ8.0CA
SMBJ8.5C*
SMBJ8.5CA*
SMBJ9.0C
SMBJ9.0CA
SMBJ10C
SMBJ10CA
SMBJ11C
SMBJ11CA
SMBJ12C*
SMBJ12CA*
SMBJ13C*
SMBJ13CA*
SMBJ14C
SMBJ14CA
SMBJ15C*
SMBJ15CA*
SMBJ16C
SMBJ16CA
SMBJ17C
SMBJ17CA
Device
Code
Bi-Polar
‘C’ or ‘CA’
Version
AD
AE
AF
AG
AH
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BD
BE
BF
BG
BH
BK
BL
BM
BN
BP
BQ
BR
Reverse
Stand Off
Voltage
VR
(Volts)
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
Breakdown
Voltage
VBR (Volts) @
IT
MIN
MAX
(mA)
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
10
10
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Maximum
Reverse
Leakage
IR @ VR
(µA)
800.0
800.0
800.0
800.0
500.0
500.0
200.0
200.0
100.0
100.0
50.0
50.0
20.0
20.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
Maximum
Peak Pulse
Current
IPP
(A)
62.5
65.2
52.6
58.3
48.7
53.6
45.1
50.0
42.0
46.5
40.0
44.1
37.7
41.7
35.5
39.0
31.9
35.3
29.9
33.0
27.3
30.2
25.2
27.9
23.3
25.8
22.3
24.0
20.8
23.1
19.7
21.0
Note: Non ‘A’ devices have higher clamping voltage. Add suffix ‘C’ to denote bi-polar devices. VBR max not quoted.
1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2. For Uni-directional devices VF = 3.5 Volts max at IF = 50A, 300 µS square wave pulse.
* Preferred voltages.
SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
600W Surface Mount Transient Voltage Supressors
®


Similar Part No. - SMBJ6.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ6.0C BYTES-SMBJ6.0C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ6.0C SOCAY-SMBJ6.0C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ6.0C EIC-SMBJ6.0C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ6.0C SOCAY-SMBJ6.0C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ6.0C MCC-SMBJ6.0C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ6.0C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com