Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ6.5C Datasheet(PDF) 4 Page - Littelfuse

Part # SMBJ6.5C
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ6.5C Datasheet(HTML) 4 Page - Littelfuse

  SMBJ6.5C Datasheet HTML 1Page - Littelfuse SMBJ6.5C Datasheet HTML 2Page - Littelfuse SMBJ6.5C Datasheet HTML 3Page - Littelfuse SMBJ6.5C Datasheet HTML 4Page - Littelfuse SMBJ6.5C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicon Avalanche Diodes
270
www .littelfuse .com
SMBJ18*
SMBJ18A*
SMBJ20
SMBJ20A
SMBJ22
SMBJ22A
SMBJ24
SMBJ24A
SMBJ26*
SMBJ26A*
SMBJ28
SMBJ28A
SMBJ30
SMBJ30A
SMBJ33*
SMBJ33A*
SMBJ36*
SMBJ36A
SMBJ40
SMBJ40A
SMBJ43
SMBJ43A
SMBJ45
SMBJ45A
SMBJ48
SMBJ48A
SMBJ51
SMBJ51A
SMBJ54
SMBJ54A
SMBJ58
Part
Number
Uni-Polar
LS
LT
LU
LV
LW
LX
LY
LZ
MD
ME
MF
MG
MH
MK
ML
MM
MN
MP
MQ
MR
MS
MT
MU
MV
MW
MX
MY
MZ
ND
NE
NF
Device
Code
Uni-Polar
Part
Number
Bi-Polar
SMBJ18C
SMBJ18CA
SMBJ20C
SMBJ20CA
SMBJ22C*
SMBJ22CA*
SMBJ24C*
SMBJ24CA*
SMBJ26C
SMBJ26CA
SMBJ28C
SMBJ28CA
SMBJ30C
SMBJ30CA
SMBJ33C
SMBJ33CA
SMBJ36C*
SMBJ36CA*
SMBJ40C
SMBJ40CA
SMBJ43C
SMBJ43CA
SMBJ45C
SMBJ45CA
SMBJ48C
SMBJ48CA
SMBJ51C*
SMBJ51CA*
SMBJ54C
SMBJ54CA
SMBJ58C
Device
Code
Bi-Polar
‘C’ or ‘CA’
Version
BS
BT
BU
BV
BW
BX
BY
BZ
CD
CE
CF
CG
CH
CK
CL
CM
CN
CP
CQ
CR
CS
CT
CU
CV
CW
CX
CY
CZ
DD
DE
DF
Reverse
Stand Off
Voltage
VR
(Volts)
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
Breakdown
Voltage
VBR (Volts) @
IT
MIN
20.00
20.00
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
MAX
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Maximum
Reverse
Leakage
IR @ VR
(µA)
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
32.2
29.2
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
46.6
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103.0
Maximum
Peak Pulse
Current
IPP
(A)
18.6
20.5
16.7
18.5
15.2
16.9
14.0
15.4
12.4
14.2
12.0
13.2
11.2
12.4
10.2
11.3
9.3
10.3
8.4
9.3
7.8
8.6
7.5
8.3
7.0
7.7
6.6
7.3
6.2
6.9
5.8
Note: Non ‘A’ devices have higher clamping voltage. Add suffix ‘C’ to denote bi-polar devices. VBR max not quoted.
1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2. For Uni-directional devices VF = 3.5 Volts max at IF = 50A, 300 µS square wave pulse.
* Preferred voltages.
SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
600W Surface Mount Transient Voltage Supressors
®


Similar Part No. - SMBJ6.5C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ6.5C BYTES-SMBJ6.5C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ6.5C SOCAY-SMBJ6.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ6.5C EIC-SMBJ6.5C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ6.5C SOCAY-SMBJ6.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ6.5C MCC-SMBJ6.5C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ6.5C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com