Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12RA8 Datasheet(PDF) 6 Page - Littelfuse

Part # V12RA8
Description  Varistor Products - Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12RA8 Datasheet(HTML) 6 Page - Littelfuse

  V12RA8 Datasheet HTML 1Page - Littelfuse V12RA8 Datasheet HTML 2Page - Littelfuse V12RA8 Datasheet HTML 3Page - Littelfuse V12RA8 Datasheet HTML 4Page - Littelfuse V12RA8 Datasheet HTML 5Page - Littelfuse V12RA8 Datasheet HTML 6Page - Littelfuse V12RA8 Datasheet HTML 7Page - Littelfuse V12RA8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
142
www .littelfuse .com
Varistor Products
RA Varistor Series
Pulse Rating Curves (Continued)
FIGURE 11. SURGE CURRENT RATING CURVES FOR
V82RA8 - V430RA8
FIGURE 12. SURGE CURRENT RATING CURVES FOR
V18RA16 - V68RA16
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
2
10
102
104
105
106
V82RA8 - V430RA8
103
INDEFINITE
200
100
50
20
10
5
1
2
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
2
10
102
104
105
106
V18RA16 - V68RA16
103
INDEFINITE
1,000
500
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result.This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Low Profile
FIGURE 9. SURGE CURRENT RATING CURVES FOR
V8RA8 - V12RA8
FIGURE 10. SURGE CURRENT RATING CURVES FOR
V18RA8 - V68RA8
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
10
102
V8RA8 - V12RA8
2
103
INDEFINITE
104
105
106
200
100
50
20
10
5
2
1
0.5
0.2
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
10
102
V18RA8 - V68RA8
2
103
INDEFINITE
500
200
100
50
20
10
2
1
0.5
0.2
104
105
106
5


Similar Part No. - V12RA8

ManufacturerPart #DatasheetDescription
logo
EPCOS
V12-A600X EPCOS-V12-A600X Datasheet
86Kb / 2P
   2-Electrode-Arrester
logo
Pepperl+Fuchs Inc.
V12-G PF-V12-G Datasheet
127Kb / 1P
   Field attachable female cordset
2011-08-12
V12-G-YE10M-PVC PF-V12-G-YE10M-PVC Datasheet
177Kb / 1P
   Cable connector
2011-01-13
V12-G-YE20M-PVC PF-V12-G-YE20M-PVC Datasheet
177Kb / 1P
   Micro AC connector, 1/2
2011-01-13
V12-G-YE20M-PVC-18 PF-V12-G-YE20M-PVC-18 Datasheet
177Kb / 1P
   Cable connector
2010-07-12
More results

Similar Description - V12RA8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com