Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V33RA8 Datasheet(PDF) 5 Page - Littelfuse

Part # V33RA8
Description  Varistor Products - Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V33RA8 Datasheet(HTML) 5 Page - Littelfuse

  V33RA8 Datasheet HTML 1Page - Littelfuse V33RA8 Datasheet HTML 2Page - Littelfuse V33RA8 Datasheet HTML 3Page - Littelfuse V33RA8 Datasheet HTML 4Page - Littelfuse V33RA8 Datasheet HTML 5Page - Littelfuse V33RA8 Datasheet HTML 6Page - Littelfuse V33RA8 Datasheet HTML 7Page - Littelfuse V33RA8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
141
www .littelfuse .com
Varistor Products
2
Low Profile
RA Varistor Series
Transient V-I Characteristics Curves (Continued)
FIGURE 5. CLAMPING VOLTAGE FOR V18RA16 - V68RA16
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68RA16
V56RA16
V47RA16
V39RA16
V33RA16
V27RA16
V22RA16
V18RA16
MAXIMUM CLAMPINGVOLTAGE
18 TO 68VN(DC) RATING
TA = -55
oC TO 125oC
FIGURE 3. CLAMPING VOLTAGE FOR V8RA8 - V68RA8
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68RA8
V56RA8
V47RA8
V39RA8
V33RA8
V27RA8
V22RA8
V18RA8
V12RA8
V8RA8
MAXIMUM CLAMPINGVOLTAGE
8 T
O 68VN(DC) RATING
TA = -55
oC TO 125oC
FIGURE 4. CLAMPING VOLTAGE FOR V82RA8 - V430RA8
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
V180RA8
V150RA8
V120RA8
V100RA8
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 5 x 8mm
82 TO 430VN(DC) RATING
TA = -55
oC TO 125oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V82RA8
V270RA8
V360RA8
V220RA8
V200RA8
V240RA8
V430RA8
V390RA8
FIGURE 6. CLAMPING VOLTAGE FOR V82RA16 - V430RA16
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
V180RA16
V150RA16
V120RA16
V100RA16
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 5 x 8mm
82 TO 430VN(DC) RATING
TA = -55
oC TO 125oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V82RA16
V270RA16
V360RA16
V220RA8
V200RA8
V240RA16
V430RA16
V390RA16
FIGURE 7. CLAMPING VOLTAGE FOR V24RA22 - V36RA22
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
104
V36RA22
V24RA22
MAXIMUM CLAMPINGVOLTAGE
24 TO 36VN(DC) RATING
TA = -55
oC TO 125oC
FIGURE 8. CLAMPING VOLTAGE FOR V200RA22 - V430RA22
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
MAXIMUM CLAMPINGVOLTAGE
200 TO 430VN(DC) RATING
TA = -55
oC TO 125oC
V430RA22
V390RA22
V270RA22
V240RA22
V200RA22


Similar Part No. - V33RA8

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
V3300SM BOWEI-V3300SM Datasheet
99Kb / 1P
   Ultra Low phase noise VCO with built-in buffer amplifier
V3300TO BOWEI-V3300TO Datasheet
99Kb / 1P
   Ultra Low phase noise VCO with built-in buffer amplifier
logo
Littelfuse
V330MA2A LITTELFUSE-V330MA2A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V330MA2A LITTELFUSE-V330MA2A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V330MA2A LITTELFUSE-V330MA2A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V33RA8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com