Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27MA1S Datasheet(PDF) 3 Page - Littelfuse

Part # V27MA1S
Description  Varistor Products - Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27MA1S Datasheet(HTML) 3 Page - Littelfuse

  V27MA1S Datasheet HTML 1Page - Littelfuse V27MA1S Datasheet HTML 2Page - Littelfuse V27MA1S Datasheet HTML 3Page - Littelfuse V27MA1S Datasheet HTML 4Page - Littelfuse V27MA1S Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
129
www .littelfuse .com
Varistor Products
2
Axial Lead
MA Varistor Series
Device Ratings and Specifications (Continued)
Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipation
required is simply the energy (watt-seconds) per pulse times the number
of pulses per second. The power so developed must be within the specifi-
cations shown on the Device Ratings and Specifications table for the
specific device. Furthermore, the operating values need to be derated at
high temperatures as shown in Figure 1. Because varistors can only
dissipate a relatively small amount of average power they are, therefore,
not suitable for repetitive applications that involve substantial amounts of
average power dissipation.
V100MA4A
V100MA4B
V100MA4S
100
101
102
57
60
60
72
81
81
0.40
0.45
0.42
40
40
40
80
90
90
100
100
100
120
110
110
200
185
200
100
100
100
V120MA1A
V120MA2B
V120MA2S
120
121
122
72
75
75
97
101
101
0.40
0.50
0.46
100
100
100
102
108
108
120
120
120
138
132
132
220
205
220
40
40
40
V150MA1A
V150MA2B
150
151
88
92
121
127
0.50
0.60
100
100
127
135
150
150
173
165
255
240
32
32
V180MA1A
V180MA3B
180
181
105
110
144
152
0.60
0.70
100
100
153
162
180
180
207
198
310
290
27
27
V220MA2A
V220MA4B
220
221
132
138
181
191
0.80
0.90
100
100
187
198
220
220
253
242
380
360
21
21
V270MA2A
V270MA4B
270
271
163
171
224
235
0.90
1.00
100
100
229
243
270
270
311
297
460
440
17
17
V330MA2A
V330MA5B
330
331
188
200
257
274
1.00
1.10
100
100
280
297
330
330
380
363
570
540
14
14
V390MA3A
V390MA6B
390
391
234
242
322
334
1.20
1.30
100
100
331
351
390
390
449
429
670
640
12
12
V430MA3A
V430MA7B
430
431
253
264
349
365
1.50
1.70
100
100
365
387
430
430
495
473
740
700
11
11
NOTE: Average power dissipation of transients not to exceed 200mW.
PART
NUMBER
BRAND
MAXIMUM RATINGS (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE AT
1mA DC TEST
CURRENT
MAX CLAMPING
VOLTAGE
VC AT 2.0A
(8/20µs)
TYPICAL
CAPACI-
TANCE
VRMS
VDC
ENERGY
(10/1000µs)
PEAK
CURRENT
(8/20µs)
VM(AC)
VM(DC)
WTM
ITM
MIN
VN(DC)
MAX
VC
f = 1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(pF)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)


Similar Part No. - V27MA1S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27MA1S LITTELFUSE-V27MA1S Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V27MA1S LITTELFUSE-V27MA1S Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V27MA1S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com