Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S681M6 Datasheet(PDF) 6 Page - Littelfuse

Part # TMOV34S681M6
Description  Varistor Products - High Energy Industrial Thermally Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S681M6 Datasheet(HTML) 6 Page - Littelfuse

  TMOV34S681M6 Datasheet HTML 1Page - Littelfuse TMOV34S681M6 Datasheet HTML 2Page - Littelfuse TMOV34S681M6 Datasheet HTML 3Page - Littelfuse TMOV34S681M6 Datasheet HTML 4Page - Littelfuse TMOV34S681M6 Datasheet HTML 5Page - Littelfuse TMOV34S681M6 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
100
www .littelfuse .com
Varistor Products
High Energy Industrial Thermally Protected
TMOV34S® Varistor Series
Ordering Information
TMOV
34
S
M
150
DEVICE FAMILY
Littelfuse Thermally Protected MOV
DISC DIAMETER (mm)
34 mm
CERAMIC SHAPE
S: Square
Series Designator
M: 3-Leaded TMOV34S Varistor Series
Supplied in Bulk Pack
VM(AC)RMS
115V to 750V
X2696
Optional Design
5 digit suffix when alternative 3mm
wide monitor lead is required
Standard Parts
Part Number
T max
Body Thickness
S
Mounting Terminal
Offset
TMOV34S111M
11.9
5.2 ±.65
TMOV34S131M
12.2
5.5 ±.65
TMOV34S141M
12.3
5.7 ±0.85
TMOV34S151M
12.4
5.9 ±0.85
TMOV34S181M
12.8
6.3 ±0.85
TMOV34S201M
13.0
6.5 ±0.85
TMOV34S251M
11.8
6.25 ±0.85
TMOV34S271M
12.0
6.5 ±0.85
TMOV34S301M
12.3
6.8 ±1.0
TMOV34S321M
12.5
6.9 ±1.0
TMOV34S331M
13.0
7.2 ±1.0
TMOV34S351M
13.1
7.4 ±1.0
TMOV34S391M
13.2
7.6 ±1.0
TMOV34S421M
13.4
7.85 ±1.0
TMOV34S461M
13.7
8.15 ±1.0
TMOV34S481M
13.9
8.25 ±1.0
TMOV34S511M
14.2
8.6 ±1.0
TMOV34S551M
14.8
8.65 ±1.0
TMOV34S571M
15.0
8.85 ±1.0
TMOV34S621M
15.4
9.25 ±1.0
TMOV34S661M
15.8
9.65 ±1.0
TMOV34S681M
16.0
9.85 ±1.0
TMOV34S751M
16.3
10.65 ±1.0
NOTE:
Dimension in mm is typical, unless
To order alternative design with narrow 3mm monitor
lead(right hand terminal as shown) add suffix X2696 to part number
otherwise specified


Similar Part No. - TMOV34S681M6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S681MP LITTELFUSE-TMOV34S681MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S681MP LITTELFUSE-TMOV34S681MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
More results

Similar Description - TMOV34S681M6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com