Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E130 Datasheet(PDF) 9 Page - Littelfuse

Part # V10E130
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E130 Datasheet(HTML) 9 Page - Littelfuse

Back Button V10E130 Datasheet HTML 4Page - Littelfuse V10E130 Datasheet HTML 5Page - Littelfuse V10E130 Datasheet HTML 6Page - Littelfuse V10E130 Datasheet HTML 7Page - Littelfuse V10E130 Datasheet HTML 8Page - Littelfuse V10E130 Datasheet HTML 9Page - Littelfuse V10E130 Datasheet HTML 10Page - Littelfuse V10E130 Datasheet HTML 11Page - Littelfuse V10E130 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
44
www .littelfuse .com
Varistor Products
High Surge Current, Radial Lead
UltraMOVVaristor Series
Package Outline Dimensions (Lead Form Options L1 and L3)
Lead Dimensions (Lead Form Options L2 and L4)
SYMBOL
VRMS
VOLTAGE
MODEL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
130-320
-
12
(0.472)
-
16
(0.630)
-
20
(0.787)
-
26.5
(1.043)
385-625
-
13
(0.512)
-
17
(0.689)
-
20.5
(0.807)
-
28
(1.102)
ØD
All
-
9 (0.354)
-
12.5
(0.492)
-
17
(0.669)
-
23
(0.906)
e
(Note 2)
All
4 (0.157) 6 (0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
9
(0.354)
11
(0.433)
e1
(Note 3)
130-320
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
385-625
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
E
130-320
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6
(0.220)
385-510
-
7.3
(0.287)
-
7.3
(0.287)
-
7.3
(0.287)
-
7.3
(0.287)
Øb
All
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
(Note 2)
0.86
(0.034)
(Note 2)
NOTES:
2. Standard lead space.
3. For in-line lead option L3, dimension e1 is “zero”. Straight lead form option L1 shown.
575-625
-
8.3
(0.327)
-
8.3
(0.327)
-
8.3
(0.327)
-
8.3
(0.327)
1. Dimensions in millimeters, inches in parentheses.
SYMBOL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A-
-
15
(0.591)
-
-
19.5
(0.768)
-
-
22.5
(0.886)
-
-
29.0
(1.142)
L (L2)
25.4
(1.00)
-
-
25.4
(1.00)
-
-
25.4
(1.00)
-
-
25.4
(1.00)
-
-
*L (L4)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
Dimensions in millimeters, inches in parentheses.
*Seating plane interpretation
per IEC-717
(Not available on tape or ammo pack)
*SEATING
PLANE
L
TRIM
A
VARISTOR VOLTAGE
MODEL
STANDARD BULK PACK QUANTITY
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
130-275
1500
1000
700
500
300-460
1500
700
600
400
510-625
1500
700
500
400
Standard Bulk Pack Quantity
Pb
RoHS


Similar Part No. - V10E130

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E130P LITTELFUSE-V10E130P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E130P LITTELFUSE-V10E130P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E130P LITTELFUSE-V10E130P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E130P LITTELFUSE-V10E130P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V10E130P LITTELFUSE-V10E130P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E130

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com