Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV20R510E Datasheet(PDF) 4 Page - Littelfuse

Part # TMOV20R510E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20R510E Datasheet(HTML) 4 Page - Littelfuse

  TMOV20R510E Datasheet HTML 1Page - Littelfuse TMOV20R510E Datasheet HTML 2Page - Littelfuse TMOV20R510E Datasheet HTML 3Page - Littelfuse TMOV20R510E Datasheet HTML 4Page - Littelfuse TMOV20R510E Datasheet HTML 5Page - Littelfuse TMOV20R510E Datasheet HTML 6Page - Littelfuse TMOV20R510E Datasheet HTML 7Page - Littelfuse TMOV20R510E Datasheet HTML 8Page - Littelfuse TMOV20R510E Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2
Varistor Products
27
www .littelfuse .com
TMOV® and iTMOV® Varistor Series
Device Ratings and Specifications - iTMOV Varistor Series continued...
TMOV14R320M
320
136
459
561
840
50
380
TMOV20R320M
320
273
459
561
840
100
750
TMOV14R385M
TMOV20R385M
TMOV14R420M
TMOV20R420M
4T320M
20T320M
4T385M
20T385M
4T420M
20T420M
14
20
14
20
14
20
420
420
385
385
900
900
1200
1200
1200
1200
160
320
150
300
4500
6500
4500
6500
4500
6500
6000
10000
6000
10000
6000
10000
612
612
558
558
748
748
682
682
1120
1120
1025
1025
50
100
50
100
300
600
360
700
TMOV20R460M
TMOV20R510M
20T460M
20T510M
20
20
510
460
n/a
n/a
325
360
6500
6500
10000
10000
738
675
902
825
1355
1240
100
100
350
200
TMOV20R550M
TMOV20R575M
20T550M
20T575M
20
20
575
550
n/a
n/a
375
360
6500
6500
10000
10000
856
819
1047
1001
1568
1500
100
100
275
300
TMOV20R750M
750
100
1080
1320
1980
100
175
20T750M
20
480
6500
10000
TMOV20R625M
20T625M
20
625
400
52
10000
6500
900
1100
100
1650
250
MAXIMUM RATING (85¡C)
SPECIFICATIONS (25¡C)
CONTINUOUS
TRANSIENT
AC
VOLTS
ENERGY
2ms
PEAK SURGE
CURRENT
8/20 s
VARISTOR
VOLTAGE AT 1mA
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8/20 s
TYPICAL
CAPACI-
TANCE
f = 1MHz
VM(AC)RMS
WTM
VN(DC)
MIN
VN(DC)
MAX
VC
IPK
C
PART
NUMBER
(V)
(J)
(V)
(V)
(A)
(pF)
DEVICE
MODEL
NUMBER
BRAND-
ING
(mm)
DISC
DIA-
METER
SUPPRESSED
VOLTAGE
RATING
UL 1449
TABLE 60.1
(V)
ITM
2 x PULSE
(A)
ITM
1 x PULSE
(A)
NOTE: For 14mm devices with a voltage rating greater than 420V, please contact factory regarding availability.
Thermally Protected


Similar Part No. - TMOV20R510E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R510E LITTELFUSE-TMOV20R510E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20R510E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com