Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV20R130M Datasheet(PDF) 1 Page - Littelfuse

Part # TMOV20R130M
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20R130M Datasheet(HTML) 1 Page - Littelfuse

  TMOV20R130M Datasheet HTML 1Page - Littelfuse TMOV20R130M Datasheet HTML 2Page - Littelfuse TMOV20R130M Datasheet HTML 3Page - Littelfuse TMOV20R130M Datasheet HTML 4Page - Littelfuse TMOV20R130M Datasheet HTML 5Page - Littelfuse TMOV20R130M Datasheet HTML 6Page - Littelfuse TMOV20R130M Datasheet HTML 7Page - Littelfuse TMOV20R130M Datasheet HTML 8Page - Littelfuse TMOV20R130M Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Varistor Products
24
www .littelfuse .com
Thermally Protected
TMOV® and iTMOV® Varistor Series
®
The Littelfuse TMOV and iTMOV thermally protected varistors represent a
new development in integrated circuit protection (patent pending). Both
versions are comprised of radial leaded MOVs (Metal Oxide Varistors)
with an integrated thermally activated element designed to open in the
event of overheating due to the abnormal over-voltage, limited current,
conditions outlined in UL1449.
The iTMOV varistor differs from the TMOV varistor by the inclusion of a
third lead for the purpose of indicating that the MOV has been disconnect-
ed from the circuit. This lead facilitates connection to monitoring circuitry.
The TMOV and iTMOV varistors offer quick thermal response due to the
close proximity of the integrated thermal element to the MOV body. The
integrated configuration also offers lower inductance than most discrete
solutions resulting in improved clamping performance to fast over-voltage
transients. Additionally, TMOV and iTMOV varistors are wave solderable,
thus simplifying end product assembly by reducing the expense and
rework associated with hand soldering operations.
The TMOV and iTMOV varistors are both recognized surge suppression
components to UL 1449. The TMOV and iTMOV varistor’s integrated
thermal element, in conjunction with appropriate enclosure design, helps
facilitate TVSS module compliance to UL1449 for both cord connected
and permanently connected applications.
TMOV and iTMOV varistors are compatible for use with industry standard
wave-soldering processes or recommended hand-soldering methods.
Features
• Patent Pending Integrated Thermal Protection Device
• Designed to facilitate compliance to UL1449 for TVSS product
• High peak surge current rating up to 10kA
• Wave solderable
• Standard lead form and spacing option
• Low Leakage
• -55°C to +85°C Operating Temperature Range
• Three-lead version available for indication purposes.
AGENCY APPROVALS:
CSA recognized.
20mm Devices-Recognized under the components program of Underwriters
Laboratories UL1449 and UL1414. Includes selected tests from UL1020,
regarding thermal cutoffs for devices with voltage ratings up to 420VAC.
14mm Devices-Devices are approved as an MOV to UL1449 and UL1414.
Approval to selected UL1020 requirements pending. Devices (14mm and
20mm) with ratings greater than 420VAC are not affected by these abnormal
voltage conditions.
Accelerated Aging Testing-14 and 20mm devices
comply with Acclerated Aging Test requirements per. ANSI/IEEE C62.11 and
may be used in secondary surge arrestors without repeating this test.
Documented in UL file E75961.
AGENCY FILE NUMBERS: ULE56529 (UL1414)
ULE75961 (UL1449)
CSA LR91788
Applications
• TVSS Products
• AC Panel Protection Modules
• AC Line Power Supplies
• Surge Protected Strip Connectors
• AC Power Meters
• Relocatable AC Power Taps
• GFCI (Ground Fault Current Interupter)
• UPS (Uninterruptable Power Supply)
• White Goods
• Plug-in TVSS
• Inverters
• AC/DC Power Supplies
®


Similar Part No. - TMOV20R130M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R130M LITTELFUSE-TMOV20R130M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20R130M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com