Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27ZA2 Datasheet(PDF) 7 Page - Harris Corporation

Part # V27ZA2
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V27ZA2 Datasheet(HTML) 7 Page - Harris Corporation

Back Button V27ZA2 Datasheet HTML 3Page - Harris Corporation V27ZA2 Datasheet HTML 4Page - Harris Corporation V27ZA2 Datasheet HTML 5Page - Harris Corporation V27ZA2 Datasheet HTML 6Page - Harris Corporation V27ZA2 Datasheet HTML 7Page - Harris Corporation V27ZA2 Datasheet HTML 8Page - Harris Corporation V27ZA2 Datasheet HTML 9Page - Harris Corporation V27ZA2 Datasheet HTML 10Page - Harris Corporation V27ZA2 Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4-40
FIGURE 11. CLAMPING VOLTAGE FOR V82ZA12 - V180ZA10
FIGURE 12. CLAMPING VOLTAGE FOR V18ZA40 - V36ZA80
FIGURE 13. CLAMPING VOLTAGE FOR V39ZA20 - V180ZA20
Transient V-I Characteristics Curves (Continued)
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA10
V150ZA8
V120ZA6
V100ZA15
V82ZA12
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
104
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
18 TO 36VN(DC) RATING
TA = -55
oC TO 85oC
V36ZA80
V33ZA70
V27ZA60
V24ZA50
V18ZA40
10-3
10-2
10-1
100
101
102
104
103
1,000
500
300
200
30
PEAK AMPERES (A)
V56ZA20
V47ZA20
V39ZA20
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
TA = -55
oC TO 85oC
39 TO 180VM(AC) RATING
V180ZA20
V150ZA20
V120ZA20
100
50
V68ZA20
Pulse Rating Curves
FIGURE 14. SURGE CURRENT RATING CURVES FOR V8ZA05
FIGURE 15. SURGE CURRENT RATING CURVES FOR
V12ZA05 - V68ZA05
50
20
10
5
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 5mm
V8ZA05
100
50
20
10
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
INDEFINITE
104
105
106
MODEL SIZE 5mm
V12ZA05 - V68ZA05
1
10
102
2
103
ZA Series


Similar Part No. - V27ZA2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27ZA2 LITTELFUSE-V27ZA2 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V27ZA20P LITTELFUSE-V27ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V27ZA20P LITTELFUSE-V27ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V27ZA20P LITTELFUSE-V27ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V27ZA20P LITTELFUSE-V27ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V27ZA2

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com