Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14E250P Datasheet(PDF) 11 Page - Littelfuse

Part # V14E250P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14E250P Datasheet(HTML) 11 Page - Littelfuse

Back Button V14E250P Datasheet HTML 4Page - Littelfuse V14E250P Datasheet HTML 5Page - Littelfuse V14E250P Datasheet HTML 6Page - Littelfuse V14E250P Datasheet HTML 7Page - Littelfuse V14E250P Datasheet HTML 8Page - Littelfuse V14E250P Datasheet HTML 9Page - Littelfuse V14E250P Datasheet HTML 10Page - Littelfuse V14E250P Datasheet HTML 11Page - Littelfuse V14E250P Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
46
www .littelfuse .com
Varistor Products
SYMBOL
PARAMETER
MODEL SIZE
7mm
10mm
14mm
20mm
B1
Component Top to Seating Plane
C
Crimp Length
2.4 Typ
2.6 Typ
2.6 Typ
2.6 Typ
P
Pitch of Component
12.7 ± 1.0
25.4 ± 1.0
25.4 ± 1.0
25.4 ± 1.0
P0
Feed Hole Pitch
12.7 ± 0.2
12.7 ± 0.2
12.7 ± 0.2
12.7 ± 0.2
P1
Feed Hole Center to Pitch
3.85 ± 0.7
8.85 ± 0.7
8.85 ±
7.70 ±
0.7
0.7
P2
Hole Center to Component Center
6.35 ± 0.7
12.7
12.7
12.7
± 0.7
± 0.7
± 0.7
F
Lead to Lead Distance
5.0 ± 0.8
7.5 ± 0.8
7.5 ± 0.8
10.0 ± 0.8
∆h
Component Alignment
2.0 Max
15 Max
19.5 Max
22.5 Max
29 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.52
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
W0
Hold Down Tape Width
12.0
12.0
12.0
± 0.3
± 0.3
± 0.3
12.0 ± 0.3
W1
Hole Position
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
W2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to Component Base
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
H0
Seating Plane Height
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
H1
Component Height
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D0
Feed Hole Diameter
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
t
Total Tape Thickness
0.7 ± 0.2
0.7 ± 0.2
0.7 ± 0.2
0.7 ± 0.2
∆p
Component Alignment
3o Max, 1.00mm
3o Max, 1.00mm
3o Max, 1.00mm
3o Max
Dimensions are in mm.
UltraMOVVaristor Series
High Surge Current, Radial Lead
DEVICE SIZE
SHIPPING QUANTITY PER REEL
7
1000
10
500
14
500
20
500
REEL CAPACITY 330MM (13IN.)
• Conforms to ANSI and EIA specifications.
• Can be supplied to IEC Publication 286-2.
• Radial devices on tape are offered with crimped leads, straight leads, or
in-line leads. See Ordering Information.
• For 10mm devices ‘P’ (component pitch) is 12.7mm when ‘F’ (lead space)
is 5mm.
• 7mm parts are available on tape and reel up to 460 VAC only
• 10mm parts are available on tape and reel up to 510 VAC only
• 14mm and 20mm parts are available on tape and reel up to 550 VAC
only
• 7mm devices with 7.5mm lead spacing option will be taped at 25.4mm com-
ponent pitch and 500 pieces per reel
• 10mm devices with 5.0mm lead spacing option will be taped at 12.7mm
component pitch and 1000 pieces per reel
Tape Specifications for Reel or Ammo Pack
Pb
RoHS


Similar Part No. - V14E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E250P LITTELFUSE-V14E250P Datasheet
784Kb / 11P
   Radial Lead Varistors
V14E250P LITTELFUSE-V14E250P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V14E250P LITTELFUSE-V14E250P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V14E250P LITTELFUSE-V14E250P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V14E250P LITTELFUSE-V14E250P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V14E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com