Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07E275P Datasheet(PDF) 10 Page - Littelfuse

Part # V07E275P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E275P Datasheet(HTML) 10 Page - Littelfuse

Back Button V07E275P Datasheet HTML 4Page - Littelfuse V07E275P Datasheet HTML 5Page - Littelfuse V07E275P Datasheet HTML 6Page - Littelfuse V07E275P Datasheet HTML 7Page - Littelfuse V07E275P Datasheet HTML 8Page - Littelfuse V07E275P Datasheet HTML 9Page - Littelfuse V07E275P Datasheet HTML 10Page - Littelfuse V07E275P Datasheet HTML 11Page - Littelfuse V07E275P Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
45
www .littelfuse .com
2
Varistor Products
UltraMOVVaristor Series
High Surge Current, Radial Lead
Tape Specifications for Reel or Ammo Pack (Fan-Fold)
7mm Devices
10, 14 and 20mm Devices
P1
P1
W0
W0
W0
P2
P2
W0
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
H
∆D0
H1
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
H
∆D0
H1
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
H
∆D0
H1
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
∆b
H
∆D0
H1
P1
P0
E
DP
DH
DH
W1
W
F
t
W2
W0
P
DP
C
∆b
H0
∆D0
H1
SEATING
PLANE
P2
Crimped Leads "L2"
P1
P1
W0
E
DP
DH
DH
W1
W
F
t
W2
P
DP
C
∆b
H0
∆D0
H1
SEATING
PLANE
P2
Crimped Leads "L2"
In Line Leads "L3"
In Line Leads "L3"
Straight Leads "L1"
Straight Leads "L1"
Pb
RoHS


Similar Part No. - V07E275P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E275P LITTELFUSE-V07E275P Datasheet
784Kb / 11P
   Radial Lead Varistors
V07E275P LITTELFUSE-V07E275P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E275P LITTELFUSE-V07E275P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E275P LITTELFUSE-V07E275P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V07E275P LITTELFUSE-V07E275P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V07E275P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com