Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1268BCEG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1268BCEG
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1268BCEG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1268BCEG Datasheet HTML 6Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 7Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 8Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 9Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 10Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 11Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 12Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 13Page - Maxim Integrated Products MAX1268BCEG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
10
______________________________________________________________________________________
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. At
the end of the acquisition interval, the T/H switch
opens, retaining charge on CHOLD as a sample of the
signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node zero at the
comparator’s positive input. The capacitive digital-to-
analog converter (DAC) adjusts during the remainder of
the conversion cycle to restore node 0 to 0V within the
limits of 12-bit resolution. This action is equivalent to
transferring a 12pF [(VIN+ - VIN-)] charge from CHOLD
to the binary-weighted capacitive DAC, which in turn
forms a digital representation of the analog input signal.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow each input channel to
swing within (GND - 300mV) to (VDD + 300mV) without
damage. However, for accurate conversions near full
scale, both inputs must not exceed (VDD + 50mV) or be
less than (GND - 50mV).
If an analog input voltage exceeds the supplies by
more than 50mV, limit the forward-bias input current to
4mA.
Track/Hold
The MAX1266/MAX1268 T/H stage enters its tracking
mode on the rising edge of WR. In external acquisition
mode, the part enters its hold mode on the next on ris-
ing edge of WR. In internal acquisition mode, the part
enters its hold mode on the fourth falling edge of clock
after writing the control byte. Note that, in internal clock
mode, this is approximately 1µs after writing the control
byte.
In single-ended operation, IN- is connected to COM
and the converter samples the positive (+) input. In
pseudo-differential operation, IN- connects to the nega-
tive (-) input, and the difference of
|(IN+) - (IN-)| is sam-
pled. At the beginning of the next conversion, the
positive input connects back to IN+ and CHOLD
charges to the input signal.
The time required for the T/H stage to acquire an input
signal depends on how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
A1
CH0
0
+
0
0
A0
0
1
CH2*
CH4*
+
0
1
0
+
CH3*
0
CH1
1
CH5*
1
+
0
0
0
A2
+
1
0
1
+
1
Table 2. Channel Selection for Single-Ended Operation (SGL/DIF = 1)
Table 3. Channel Selection for Pseudo-Differential Operation (SGL/DIF = 0)
A1
CH0
0
+
0
0
A0
0
1
CH2*
CH4*
+
0
1
0
+
-
CH3*
0
CH1
1
CH5*
1
+
0
0
0
A2
+
-
1
0
1
-
+
1
*Channels CH2–CH5 apply to MAX1266 only.
*Channels CH2–CH5 apply to MAX1266 only.
-
-
-
COM
-
-
-


Similar Part No. - MAX1268BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1268BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com