Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V68ZA3 Datasheet(PDF) 10 Page - Harris Corporation

Part # V68ZA3
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V68ZA3 Datasheet(HTML) 10 Page - Harris Corporation

Back Button V68ZA3 Datasheet HTML 4Page - Harris Corporation V68ZA3 Datasheet HTML 5Page - Harris Corporation V68ZA3 Datasheet HTML 6Page - Harris Corporation V68ZA3 Datasheet HTML 7Page - Harris Corporation V68ZA3 Datasheet HTML 8Page - Harris Corporation V68ZA3 Datasheet HTML 9Page - Harris Corporation V68ZA3 Datasheet HTML 10Page - Harris Corporation V68ZA3 Datasheet HTML 11Page - Harris Corporation V68ZA3 Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-43
Tape and Reel Specifications
Tape and Reel Data
• Conforms to ANSI and EIA specifications
• Can be supplied to IEC Publication 286-2
• Radial devices on tape are supplied with
crimped leads, straight leads, or under-
crimped leads
SYMBOL
PARAMETER
MODEL SIZE
5mm
7mm
10mm
14mm
20mm
P
Pitch of Component
12.7
± 1.0
12.7
± 1.0
25.4
± 1.0
25.4
± 1.0
25.4
± 1.0
P0
Feed Hole Pitch
12.7
± 0.2
12.7
± 0.2
12.7
± 0.2
12.7
± 0.2
12.7
± 0.2
P1
Feed Hole Center to Pitch
3.85
± 0.7
3.85
± 0.7
2.6
± 0.7
2.6
± 0.7
2.6
± 0.7
P2
Hole Center to Component Center
6.35
± 1.0
6.35
± 1.0
6.35
± 1.0
6.35
± 1.0
6.35
± 1.0
F
Lead to Lead Distance
5.0
± 1.0
5.0
± 1.0
7.5
± 1.0
7.5
± 1.0
7.5
± 1.0
∆h
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
W0
Hold Down Tape Width
6.0
± 0.3
6.0
± 0.3
6.0
± 0.3
6.0
± 0.3
12.0
± 0.3
W1
Hole Position
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
W2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to
Component Base
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
H0
Seating Plane Height
16.0
± 0.5
16.0
± 0.5
16.0
± 0.5
16.0
± 0.5
16.0
± 0.5
H1
Component Height
29.0 Max
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D0
Feed Hole Diameter
4.0
± 0.2
4.0
± 0.2
4.0
± 0.2
4.0
± 0.2
4.0
± 0.2
t
Total Tape Thickness
0.7
± 0.2
0.7
± 0.2
0.7
± 0.2
0.7
± 0.2
0.7
± 0.2
L
Length of Clipped Lead
11.0 Max
11.0 Max
11.0 Max
11.0 Max
12.0 Max
∆p
Component Alignment
3o Max
3o Max
3o Max
3o Max
3o Max
NOTE: Dimensions are in mm.
ZA Series


Similar Part No. - V68ZA3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68ZA3 LITTELFUSE-V68ZA3 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V68ZA3P LITTELFUSE-V68ZA3P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V68ZA3P LITTELFUSE-V68ZA3P Datasheet
825Kb / 13P
   Radial Lead Varistors
V68ZA3P LITTELFUSE-V68ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
V68ZA3P LITTELFUSE-V68ZA3P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V68ZA3

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com