Electronic Components Datasheet Search |
|
TMOV20R750M Datasheet(PDF) 5 Page - Littelfuse |
|
TMOV20R750M Datasheet(HTML) 5 Page - Littelfuse |
5 / 9 page 2 Varistor Products 28 www .littelfuse .com Thermally Protected TMOV® and iTMOV® Varistor Series 1 2 3 3 2 1 Thermal Fuse Element MOV Thermal Fuse Element MOV Monitor Lead i TMOV Varistor Application Examples The application examples below show how the indicator lead on the i TMOV can be used to indicate that the thermal element has been opened. This signifies that the circuit is no longer protected from transients by the MOV. Application Example 1 (Figure 1) In this case, the LED is normally on, and is off when the thermal element opens. Application Example 2 (Figure 2) This circuit utilizes an optocoupler to provide galvanic isolations between the iTMOV varistor and the indicating or alarm circuitry. Application Example 3 (Figure 3) This circuit illustrates the use of the monitoring lead of the iTMOV varistor to ensure that equipment is only operated when overvoltage protection present. In normal operation the load switch relay solenoid is powered via the indicator lead of the iTMOV varistor. In the event of the thermal element being activated, the relay will de-activate, cutting power to the protected circuit and the fault LED will illuminate. Please note: Indicator circuits are provided as a guideline only. Verification of actual indicator circuitry is the responsibility of the end user. Component values selected must be appropriate for the specific AC line voltage service and application. R LED Line Fuse i TMOV Varistor Neutral Line Figure 1. Application example 1 R Line Fuse i TMOV Varistor Neutral Figure 2. Application example 2 AC OPTOCOUPLER TO STATUS ANNUNCIATOR LIGHT/ALARM Line Fuse i TMOV Varistor Neutral Figure 3. Application example 3 Fault LED (Normallyoff) "Load Powered" neon lamp Load Switch Relay (loss of protection) R Line Line Lead Configurations TMOV Varistor i TMOV Varistor Note: MOVs are non-polarized passive elements |
Similar Part No. - TMOV20R750M |
|
Similar Description - TMOV20R750M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |